Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M68745H Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part No. M68745H
Description  SILICON MOS FET POWER AMPLIFIER, 896-941MHz, 3.8W, FM PORTABLE RADIO
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MITSUBISHI [Mitsubishi Electric Semiconductor]
Homepage  http://www.mitsubishichips.com
Logo 

M68745H Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SILICON MOS FET POWER AMPLIFIER, 896-941MHz, 3.8W, FM PORTABLE RADIO
M68745H
MITSUBISHI RF POWER MODULE
Nov. ´97
OUTPUT POWER, TOTAL EFFICIENCY
VS. DRAIN SUPPLY VOLTAGE
DRAIN SUPPLY VOLTAGE VDD (V)
40
0
50
30
14
8
6
2
0
20
4
8
12
0
14
4
10
10
6
2
f=941MHz
VGG=5V
Pin=1mW
ZG=ZL=50
ηT
PO
60
12
70
10


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn