Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4301H1 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 4301H1
Description  Solid State LED Lamps-High Brite Bi-Color T-1 3/4 (5mm)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

4301H1 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  4301H1 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
4301H1/5 Series Solid State LED Lamps-High Brite Bi-Color T-1 3/4 (5mm)
E L E C T R O - O P T I CAL C HARAC T E R ISTICS A N D R A T INGS
4301H1/5
Diffus ed
PAR T NUMB E R
Output C olor
Package C olor
Rated C urrent (mA)
Forward V oltage T yp. (V )
Forward V oltage Max. (V )
Luminous Intens ity Min. (mcd)
Luminous Intens ity T yp. (mcd)
Peak Wavelength (nm)
P eak F orward C urrent @ 1ms -300 P P S (A)
Diffus ion
Viewing Angle 20 1/2 (degrees)
R ed/G reen
Clear
10
2.2
2.8
3
6
-
650/568
50
115
25
.06
-
Revers e B reakdown V oltage Min. (V )
Luminous Intens ity Max. (mcd)
Power Dissipation (mW)
C ontinuous F orward C urrent Max. (mA)
T-1 3/4 Dual Color LED
• Provides red and green in the same two lead packages.
• Chips are brightness matched-green and red light is uniform.
RE D C AT HODE
GR E E N C AT HODE
Ø .
220
.340
.197
.866
MIN.
.040
NOM.
.100
TY P .
.020 S Q.
.040
MAX .
.040
All dimens ions
in inches .
America:
CML Innovative Technologies,Inc.
147 Central Avenue
Hackensack -NJ 07601 -USA
Tel:1-201-489 -8989
Fax:1-201-489 -6911
e-mail:americas@cml-it.com
Europe:
CML Technologies GmbH &Co.KG
Robert-Bunsen-Str.1
67098 Bad Dürkheim -GERMANY
Tel:+49 (0)6322 9567-0
Fax:+49 (0)6322 9567-88
e-mail:europe@cml-it.com
Asia:
CML Innovative Technologies,Inc.
61 Aida Street
Singapore 459975
Tel:(65)9630 -5003
e-mail:asia@cml-it.com
CML-IT reserves the right to make specification revisions that enhance the design and/or performance of the product


Similar Part No. - 4301H1

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4301H1 VCC-4301H1 Datasheet
91Kb / 1P
   Solid State LED Lamp-Bi-Polar-AC/DC Operation T-1 3/4
4301H1-1 VCC-4301H1-1 Datasheet
91Kb / 1P
   Solid State LED Lamp-Bi-Polar-AC/DC Operation T-1 3/4
4301H1-5 VCC-4301H1-5 Datasheet
73Kb / 1P
   Solid State LED Lamps-High Brite Bi-Color T-1 3/4 (5mm)
More results

Similar Description - 4301H1

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4301H1-5 VCC-4301H1-5 Datasheet
73Kb / 1P
   Solid State LED Lamps-High Brite Bi-Color T-1 3/4 (5mm)
4301F1-5 VCC-4301F1-5 Datasheet
57Kb / 1P
   Solid State LED Lamps Bi-Color Super Brite T-1 (3mm)
4304S VCC-4304S Datasheet
69Kb / 1P
   Solid State LED Lamps-High Brite Low Profile T-1 3/4 (5mm)
logo
Chicago Miniature Lamp,...
4305H CML-4305H Datasheet
63Kb / 1P
   Solid State LED Lamps-Ultra Brite 120 mcd T-1 3/4 (5mm)
logo
Visual Communications C...
4304H VCC-4304H Datasheet
73Kb / 1P
   Solid State LED Lamps-Super Brite 30 mcd T-1 3/4 (5mm)
logo
Chicago Miniature Lamp,...
4361H1 CML-4361H1 Datasheet
66Kb / 1P
   High Brite Tri-Color T-1 3/4 LED Lamps
logo
Visual Communications C...
4308H VCC-4308H Datasheet
55Kb / 1P
   Solid State LED Lamps-Ultra Brite 240 mcd (red) T-1 3/4 (5mm)
logo
Chicago Miniature Lamp,...
4308H CML-4308H Datasheet
24Kb / 1P
   Solid State LED Lamps-Ultra Brite 240 mcd (red) T-1 3/4 (5mm)
4304H CML-4304H Datasheet
25Kb / 1P
   4304H Series Solid State LED Lamps-Super Brite 30 mcd T-1 3/4 (5mm)
logo
Visual Communications C...
4304H6 VCC-4304H6 Datasheet
58Kb / 1P
   Solid State LED Lamps-High Brightness T-1 3/4 (5mm)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com