Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C433-25JC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C433-25JC
Description  256/512/1K/2K/4K x 9 Asynchronous FIFO
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C433-25JC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C433-25JC Datasheet HTML 1Page - Cypress Semiconductor CY7C433-25JC Datasheet HTML 2Page - Cypress Semiconductor CY7C433-25JC Datasheet HTML 3Page - Cypress Semiconductor CY7C433-25JC Datasheet HTML 4Page - Cypress Semiconductor CY7C433-25JC Datasheet HTML 5Page - Cypress Semiconductor CY7C433-25JC Datasheet HTML 6Page - Cypress Semiconductor CY7C433-25JC Datasheet HTML 7Page - Cypress Semiconductor CY7C433-25JC Datasheet HTML 8Page - Cypress Semiconductor CY7C433-25JC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
CY7C419/21/25/29/33
Document #: 38-06001 Rev. *A
Page 4 of 22
Electrical Characteristics Over the Operating Range[3] (continued)
7C419–30
7C421–30
7C424–30
7C425–30
7C429–30
7C433–30
7C419–40
7C420–40
7C421–40
7C424–40
7C425–40
7C429–40
7C432–40
7C433–40
7C420–65
7C421–65
7C424–65
7C425–65
7C428–65
7C429–65
7C433–65
Parameter
Description
Test Conditions
Min.
Max.
Min.
Max.
Min.
Max.
Units
ICC
Operating Current
VCC = Max.,
IOUT = 0 mA
f = fMAX
Com’l
40
35
35
mA
Mil/Ind
75
70
65
ICC1
Operating Current
VCC = Max.,
IOUT = 0 mA
F = 20 MHz
Com’l
35
35
35
mA
ISB1
Standby Current
All Inputs =
VIH Min.
Com’l
10
10
10
mA
Mil
15
15
15
ISB2
Power-Down Current
All Inputs >
VCC –0.2V
Com’l
5
5
5
mA
Mil
8
8
8
Capacitance[6]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 4.5V
6
pF
COUT
Output Capacitance
6
pF
Note:
6.
Tested initially and after any design or process changes that may affect these parameters.
AC Test Loads and Waveforms
3.0V
5V
OUTPUT
R1 500
R2
333
30 pF
INCLUDING
JIGAND
SCOPE
GND
90%
10%
90%
10%
≤ 3ns
≤ 3 ns
5V
OUTPUT
R1 500
R2
333
5pF
INCLUDING
JIGAND
SCOPE
OUTPUT
2V
Equivalent to:
THÉVENIN EQUIVALENT
(b)
C420–6
C420–7
C420–8
(a)
ALL INPUT PULSES
200


Similar Part No. - CY7C433-25JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C433-25JC CYPRESS-CY7C433-25JC Datasheet
479Kb / 25P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
More results

Similar Description - CY7C433-25JC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C419 CYPRESS-CY7C419_09 Datasheet
622Kb / 17P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
CY7C419 CYPRESS-CY7C419_05 Datasheet
479Kb / 25P
   256/512/1K/2K/4K x 9 Asynchronous FIFO
logo
LOGIC Devices Incorpora...
L8C201 LODEV-L8C201 Datasheet
182Kb / 22P
   512/1K/2K/4K x 9-bit Asynchronous FIFO
logo
AverLogic Technologies ...
AL4CA01 AVERLOGIC-AL4CA01 Datasheet
74Kb / 2P
   512/ 1K/ 2K/ 4K/ 8K x 9 Asynchronous FIFOs
logo
Integrated Device Techn...
IDT72021 IDT-IDT72021 Datasheet
153Kb / 14P
   CMOS ASYNCHRONOUS FIFO WITH RETRANSMIT 1K x 9, 2K x 9, 4K x 9
logo
Cypress Semiconductor
CY7C4201 CYPRESS-CY7C4201 Datasheet
411Kb / 18P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
CY7C4421 CYPRESS-CY7C4421_05 Datasheet
545Kb / 19P
   64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
AverLogic Technologies ...
AL4CS205 AVERLOGIC-AL4CS205 Datasheet
35Kb / 2P
   256, 512, 1K, 2K, 4K x 18 Synchronous FIFOs
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com