Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14559B Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC14559B
Description  SUCCESSIVE APPROXIMATION REGISTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14559B Datasheet(HTML) 1 Page - Motorola, Inc

  MC14559B Datasheet HTML 1Page - Motorola, Inc MC14559B Datasheet HTML 2Page - Motorola, Inc MC14559B Datasheet HTML 3Page - Motorola, Inc MC14559B Datasheet HTML 4Page - Motorola, Inc MC14559B Datasheet HTML 5Page - Motorola, Inc MC14559B Datasheet HTML 6Page - Motorola, Inc MC14559B Datasheet HTML 7Page - Motorola, Inc MC14559B Datasheet HTML 8Page - Motorola, Inc MC14559B Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MOTOROLA CMOS LOGIC DATA
1
MC14549B MC14559B
Successive Approximation
Registers
The MC14549B and MC14559B successive approximation registers are
8–bit registers providing all the digital control and storage necessary for
successive approximation analog–to–digital conversion systems. These
parts differ in only one control input. The Master Reset (MR) on the
MC14549B is required in the cascaded mode when more than 8 bits are
desired. The Feed Forward (FF) of the MC14559B is used for register
shortening where End–of–Conversion (EOC) is required after less than eight
cycles.
Applications for the MC14549B and MC14559B include analog–to–digital
conversion, with serial and parallel outputs.
• Totally Synchronous Operation
• All Outputs Buffered
• Single Supply Operation
• Serial Output
• Retriggerable
• Compatible with a Variety of Digital and Analog Systems such as the
MC1408 8–Bit D/A Converter
• All Control Inputs Positive–Edge Triggered
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Capable of Driving Two Low–Power TTL Loads, One Low–Power
Schottky TTL Load or Two HTL Loads Over the Rated Temperature
Range
• Chip Complexity: 488 FETs or 122 Equivalent Gates
MAXIMUM RATINGS* (Voltages referenced to VSS)
Rating
Symbol
Value
Unit
DC Supply Voltage
VDD
– 0.5 to + 18
Vdc
Input Voltage, All Inputs
Vin
– 0.5 to VDD + 0.5
Vdc
DC Input Current, per Pin
Iin
± 10
mAdc
Power Dissipation, per Package†
PD
500
mW
Operating Temperature Range
TA
– 55 to + 125
_C
Storage Temperature Range
Tstg
– 65 to + 150
_C
* Maximum Ratings are those values beyond which damage to the device may occur.
†Temperature Derating:
“P and D/DW” Packages: – 7.0 mW/C From 65
_C To 125_C Ceramic
“L” Packages: – 12 mW/
_C From 100_C To 125_C
SC SC(t–1) MR MR(t–1) Clock
Action
X
X
X
X
None
X
X
1
X
Reset
1
0
0
0
Start
Conversion
1
X
0
1
Start
Conversion
1
1
0
0
Continue
Conversion
0
X
0
X
Continue
Previous
Operation
TRUTH TABLES
MC14549B
X = Don’t Care
t–1 = State at Previous Clock
SC
SC(t–1) EOC Clock
Action
X
X
X
None
1
0
0
Start
Conversion
X
1
0
Continue
Conversion
0
0
0
Continue
Conversion
0
X
1
Retain
Conversion
Result
1
X
1
Start
Conversion
MC14559B
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
REV 3
1/94
MC14549B
MC14559B
L SUFFIX
CERAMIC
CASE 620
ORDERING INFORMATION
MC14XXXBCP
Plastic
MC14XXXBCL
Ceramic
MC14XXXBDW
SOIC
TA = – 55° to 125°C for all packages.
P SUFFIX
PLASTIC
CASE 648
DW SUFFIX
SOIC
CASE 751G
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
Q0
Q1
Q2
Q3
VDD
SC
*
EOC
Q7
Q6
Q5
Q4
VSS
C
D
Sout
* For MC14549B Pin 10 is MR input.
For MC14559B Pin 10 is FF input.


Similar Part No. - MC14559B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14559B ONSEMI-MC14559B Datasheet
85Kb / 12P
   Successive Approximation Registers
August, 2000 ??Rev. 4
MC14559B ONSEMI-MC14559B Datasheet
98Kb / 9P
   Successive Approximation Registers
June, 2006 ??Rev. 6
MC14559BCP ONSEMI-MC14559BCP Datasheet
85Kb / 12P
   Successive Approximation Registers
August, 2000 ??Rev. 4
MC14559BCP ONSEMI-MC14559BCP Datasheet
98Kb / 9P
   Successive Approximation Registers
June, 2006 ??Rev. 6
MC14559BCPG ONSEMI-MC14559BCPG Datasheet
98Kb / 9P
   Successive Approximation Registers
June, 2006 ??Rev. 6
More results

Similar Description - MC14559B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DM2502 TI1-DM2502_11 Datasheet
447Kb / 10P
[Old version datasheet]   Successive Approximation Registers
logo
ON Semiconductor
MC14549B ONSEMI-MC14549B_06 Datasheet
98Kb / 9P
   Successive Approximation Registers
June, 2006 ??Rev. 6
logo
National Semiconductor ...
DM2502 NSC-DM2502 Datasheet
197Kb / 8P
   Successive Approximation Registers
logo
ON Semiconductor
MC14549 ONSEMI-MC14549 Datasheet
85Kb / 12P
   Successive Approximation Registers
August, 2000 ??Rev. 4
MC14549B ONSEMI-MC14549B_14 Datasheet
117Kb / 8P
   Successive Approximation Registers
July, 2014 ??Rev. 8
logo
List of Unclassifed Man...
AM2502 ETC-AM2502 Datasheet
411Kb / 6P
   EIGHT BIT / TWELVE - BIT SUCCESSIVE APPROXIMATION REGISTERS
logo
Hitachi Semiconductor
HD14549B HITACHI-HD14549B Datasheet
124Kb / 6P
   Successive Approximation Register
logo
List of Unclassifed Man...
AM25L04 ETC-AM25L04 Datasheet
268Kb / 8P
   LOW POWER EIGHT-BIT/TWELVE BIT SUCCESSIVE APPROXIMATION REGISTERS
logo
National Semiconductor ...
DM54LS502 NSC-DM54LS502 Datasheet
133Kb / 6P
   8-Bit Successive Approximation Register
logo
Fairchild Semiconductor
MM74C905 FAIRCHILD-MM74C905 Datasheet
89Kb / 8P
   12-Bit Successive Approximation Register
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com