Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC145502 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MC145502
Description  PCM CODEC-FILTER MONO- CIRCUIT
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC145502 Datasheet(HTML) 1 Page - Motorola, Inc

  MC145502 Datasheet HTML 1Page - Motorola, Inc MC145502 Datasheet HTML 2Page - Motorola, Inc MC145502 Datasheet HTML 3Page - Motorola, Inc MC145502 Datasheet HTML 4Page - Motorola, Inc MC145502 Datasheet HTML 5Page - Motorola, Inc MC145502 Datasheet HTML 6Page - Motorola, Inc MC145502 Datasheet HTML 7Page - Motorola, Inc MC145502 Datasheet HTML 8Page - Motorola, Inc MC145502 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
MC145500
•MC145501•MC145502•MC145503•MC145505
MOTOROLA
1
PCM Codec-Filter Mono-Circuit
The MC145500, MC145501, MC145502, MC145503, and MC145505 are all
per channel PCM Codec–Filter mono–circuits. These devices perform the voice
digitization and reconstruction as well as the band limiting and smoothing
required for PCM systems. The MC145500 and MC145503 are general
purpose devices that are offered in a 16–pin package. They are designed to
operate in both synchronous and asynchronous applications and contain an
on–chip precision reference voltage. The MC145501 is offered in an 18–pin
package and adds the capability of selecting from three peak overload voltages
(2.5, 3.15, and 3.78 V). The MC145505 is a synchronous device offered in a
16–pin DIP and wide body SOIC package intended for instrument use. The
MC145502 is the full–featured device which presents all of the options of the
chip. This device is packaged in a 22–pin DIP and a 28–pin chip carrier package
and contains all the features of the MC145500 and MC145501 plus several
more. Most of these features can be made available in a lower pin count
package tailored to a specific user’s application. Contact the factory for further
details.
These devices are pin–for–pin replacements for Motorola’s first generation of
MC14400/01/02/03/05 PCM mono–circuits and are upwardly compatible with
the MC14404/06/07 codecs and other industry standard codecs. They also
maintain compatibility with Motorola’s family of MC33120 and MC3419 SLIC
products.
The MC145500 family of PCM Codec–Filter mono–circuits utilizes CMOS
due to its reliable low–power performance and proven capability for complex
analog/digital VLSI functions.
MC145500 (This Device is Not Recommended for New Designs)
• 16–Pin Package
• Transmit Bandpass and Receive Low–Pass Filter On–Chip
• Pin Selectable Mu–Law/A–Law Companding with Corresponding Data
Format
• On–Chip Precision Reference Voltage (3.15 V)
• Power Dissipation of 50 mW, Power–Down of 0.1 mW at ± 5 V
• Automatic Prescaler Accepts 128 kHz, 1.536, 1.544, 2.048, and 2.56 MHz
for Internal Sequencing
MC145501 — All of the Above Plus:
(This Device is Not Recommended for New Designs)
• 18–Pin Package
• Selectable Peak Overload Voltages (2.5, 3.15, 3.78 V)
• Access to the Inverting Input of the TxI Input Operational Amplifier
MC145502 — All of the Above Plus:
• 22–Pin and 28–Pin Packages
• Variable Data Clock Rates (64 kHz to 4.1 MHz)
• Complete Access to the Three Terminal Transmit Input Operational
Amplifiers
• An External Precision Reference May Be Used
MC145503 — All of the Above Features of the MC145500 Plus:
• 16–Pin Package
• Complete Access to the Three Terminal Transmit Input Operational Amplifiers
MC145505 — Same as MC145503 Except:
• 16–Pin Package
• Common 64 kHz to 4.1 MHz Transmit/Receive Data Clock
Order this document
by MC145500/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MC145500
MC145501
MC145502
MC145503
MC145505
L SUFFIX
CERAMIC PACKAGE
CASE 620
MC145500/03/05
P SUFFIX
PLASTIC DIP
CASE 648
MC145503/05
16
1
16
1
L SUFFIX
CERAMIC PACKAGE
CASE 726
MC145501
18
1
22
1
L SUFFIX
CERAMIC PACKAGE
CASE 736
MC145502
22
1
P SUFFIX
PLASTIC DIP
CASE 708
MC145502
DW SUFFIX
SOG PACKAGE
CASE 751G
MC145503/05
FN SUFFIX
PLCC PACKAGE
CASE 776
MC145502
16
1
28 1
© Motorola, Inc. 1995
REV 1
9/95 (Replaces ADI1287)


Similar Part No. - MC145502

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
MC145502FN LANSDALE-MC145502FN Datasheet
1Mb / 26P
   PCM Codec-Filter Mono-Circuit
MC145502FN LANSDALE-MC145502FN Datasheet
392Kb / 26P
   PCM Codec-Filter Mono-Circuit
MC145502P LANSDALE-MC145502P Datasheet
1Mb / 26P
   PCM Codec-Filter Mono-Circuit
MC145502P LANSDALE-MC145502P Datasheet
392Kb / 26P
   PCM Codec-Filter Mono-Circuit
More results

Similar Description - MC145502

ManufacturerPart #DatasheetDescription
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506_08 Datasheet
2Mb / 20P
   PCM Codec-Filter Mono-Circuit
ML145506 LANSDALE-ML145506 Datasheet
6Mb / 20P
   PCM Codec-Filter Mono-Circuit
ML145502 LANSDALE-ML145502_08 Datasheet
392Kb / 26P
   PCM Codec-Filter Mono-Circuit
logo
Motorola, Inc
MC145506 MOTOROLA-MC145506 Datasheet
405Kb / 24P
   PCM CODEC FILTER MONO CIRCUIT
logo
LANSDALE Semiconductor ...
ML145502 LANSDALE-ML145502 Datasheet
1Mb / 26P
   PCM Codec-Filter Mono-Circuit
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554_08 Datasheet
284Kb / 18P
   PCM Codec-Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com