Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14534B Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC14534B
Description  5 CASCADED BCD COUNTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14534B Datasheet(HTML) 3 Page - Motorola, Inc

  MC14534B Datasheet HTML 1Page - Motorola, Inc MC14534B Datasheet HTML 2Page - Motorola, Inc MC14534B Datasheet HTML 3Page - Motorola, Inc MC14534B Datasheet HTML 4Page - Motorola, Inc MC14534B Datasheet HTML 5Page - Motorola, Inc MC14534B Datasheet HTML 6Page - Motorola, Inc MC14534B Datasheet HTML 7Page - Motorola, Inc MC14534B Datasheet HTML 8Page - Motorola, Inc MC14534B Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MOTOROLA CMOS LOGIC DATA
3
MC14534B
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS) (continued)
Characteristic
Symbol
VDD
Vdc
– 55
_C
25
_C
125
_C
Unit
Characteristic
Symbol
VDD
Vdc
Min
Max
Min
Typ #
Max
Min
Max
Unit
Quiescent Current
(Per Package)
IDD
5.0
10
15
5.0
10
20
0.010
0.020
0.030
5.0
10
20
150
300
600
µAdc
Total Supply Current**†
(Dynamic plus Quiescent,
Per Package)
(CL = 50 pF on all outputs, all
buffers switching)
IT
5.0
10
15
IT = (0.5 µA/kHz) f + IDD
Scan Oscillator
IT = (1.0 µA/kHz) f + IDD
Frequency = 1.0 kHz
IT = (1.5 µA/kHz) f + IDD
µAdc
Three–State Leakage Current
ITL
15
± 0.1
± 0.0001
± 0.1
± 3.0
µAdc
#Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
** The formulas given are for the typical characteristics only at 25
_C.
†To calculate total supply current at loads other than 50 pF:
IT(CL) = IT(50 pF) + (CL – 50) Vfk
where: IT is in µA (per package), CL in pF, V = (VDD – VSS) in volts, f in kHz is input frequency, and k = 0.001.


Similar Part No. - MC14534B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14530B MOTOROLA-MC14530B Datasheet
220Kb / 7P
   DUAL 5-INPUT MAJORITY LOGIC GATE
MC14530BCL MOTOROLA-MC14530BCL Datasheet
220Kb / 7P
   DUAL 5-INPUT MAJORITY LOGIC GATE
MC14530BCP MOTOROLA-MC14530BCP Datasheet
220Kb / 7P
   DUAL 5-INPUT MAJORITY LOGIC GATE
MC14530BD MOTOROLA-MC14530BD Datasheet
220Kb / 7P
   DUAL 5-INPUT MAJORITY LOGIC GATE
MC145310 MOTOROLA-MC145310 Datasheet
39Kb / 1P
   Tone/Pulse dialler with flash
More results

Similar Description - MC14534B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC160 TI-CD54HC160 Datasheet
248Kb / 14P
[Old version datasheet]   BCD SYNCHRONOUS DECADE COUNTERS
logo
Renesas Technology Corp
HD74HC4518 RENESAS-HD74HC4518 Datasheet
115Kb / 9P
   Dual BCD Up Counters
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Texas Instruments
CD54HC160F TI-CD54HC160F Datasheet
240Kb / 14P
[Old version datasheet]   BCD SYNCHRONOUS DECADE COUNTERS
logo
ON Semiconductor
SN54-74LS160A ONSEMI-SN54-74LS160A Datasheet
79Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Motorola, Inc
SN54LS160A MOTOROLA-SN54LS160A Datasheet
157Kb / 6P
   BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
ON Semiconductor
SN74LS161A ONSEMI-SN74LS161A Datasheet
205Kb / 8P
   BCD Decade Counters 4?묪it Binary Counters
July, 2006 ??Rev. 2
logo
National Semiconductor ...
54LS160A NSC-54LS160A Datasheet
173Kb / 8P
   Synchronous Presettable BCD Decade Counters
logo
Aeroflex Circuit Techno...
UT54ACS190 AEROFLEX-UT54ACS190 Datasheet
266Kb / 10P
   Synchronous 4-Bit Up-Down BCD Counters
logo
Motorola, Inc
SN54LS190 MOTOROLA-SN54LS190 Datasheet
310Kb / 10P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com