Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14532BCP Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC14532BCP
Description  8-BIT PRIORITY ENCODER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14532BCP Datasheet(HTML) 4 Page - Motorola, Inc

  MC14532BCP Datasheet HTML 1Page - Motorola, Inc MC14532BCP Datasheet HTML 2Page - Motorola, Inc MC14532BCP Datasheet HTML 3Page - Motorola, Inc MC14532BCP Datasheet HTML 4Page - Motorola, Inc MC14532BCP Datasheet HTML 5Page - Motorola, Inc MC14532BCP Datasheet HTML 6Page - Motorola, Inc MC14532BCP Datasheet HTML 7Page - Motorola, Inc MC14532BCP Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MOTOROLA CMOS LOGIC DATA
MC14532B
4
Figure 3. AC Test Circuit and Waveforms
PROGRAMMABLE
PULSE
GENERATOR
Ein
D0
D1
D2
D3
D4
D5
D6
D7
GS
Q2
Q1
Q0
Eout
VDD
VSS
CL
CL
CL
CL
CL
NOTE: Input rise and fall times are 20 ns
50%
50%
50%
50%
50%
50%
50%
50%
90%
50%
10%
90%
50%
10%
90%
50%
10%
90%
50%
10%
tPHL
tPHL
tPHL
tPHL
tPHL
tTHL
tTHL
tTHL
tTHL
tPLH
tPLH
tPLH
tPLH
tPLH
tPLH
tPLH
tTLH
tTLH
tTLH
tTLH
tTLH
tPHL
tPLH
tTHL
90%
50%
10%
tPLH
tPHL
tPHL
tPHL
D0
D1
D2
D3
D4
D5
D6
D7
Ein
Eout
GS
Q0
Q1
Q2
10
11
12
13
1
2
3
4
5
15
14
9
7
6
PIN
NO.
50%


Similar Part No. - MC14532BCP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14532BCP ONSEMI-MC14532BCP Datasheet
197Kb / 12P
   8-Bit Priority Encoder
March, 2000 ??Rev. 3
MC14532BCP ONSEMI-MC14532BCP Datasheet
99Kb / 7P
   MC14532B_06
April, 2006 ??Rev. 6
MC14532BCPG ONSEMI-MC14532BCPG Datasheet
99Kb / 7P
   MC14532B_06
April, 2006 ??Rev. 6
More results

Similar Description - MC14532BCP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14532B ONSEMI-MC14532B Datasheet
197Kb / 12P
   8-Bit Priority Encoder
March, 2000 ??Rev. 3
logo
STMicroelectronics
HCC4532B STMICROELECTRONICS-HCC4532B Datasheet
312Kb / 15P
   8-BIT PRIORITY ENCODER
logo
Hitachi Semiconductor
HD14532B HITACHI-HD14532B Datasheet
77Kb / 5P
   8-bit Priority Encoder
logo
STMicroelectronics
HCF4532B STMICROELECTRONICS-HCF4532B_04 Datasheet
477Kb / 13P
   8-BIT PRIORITY ENCODER
logo
ON Semiconductor
MC14532B ONSEMI-MC14532B_14 Datasheet
115Kb / 7P
   8-Bit Priority Encoder
July, 2014 ??Rev. 9
logo
Texas Instruments
CD4532B TI-CD4532B Datasheet
539Kb / 11P
[Old version datasheet]   CMOS 8-Bit Priority Encoder
logo
Intersil Corporation
CD4532BMS INTERSIL-CD4532BMS Datasheet
88Kb / 9P
   CMOS 8-Bit Priority Encoder
December 1992
logo
ON Semiconductor
MC10H165 ONSEMI-MC10H165_06 Datasheet
158Kb / 8P
   8?묲nput Priority Encoder
March, 2006 ??Rev. 7
logo
NXP Semiconductors
74F148 PHILIPS-74F148 Datasheet
85Kb / 10P
   8-input priority encoder
1990 Mar 01
logo
ON Semiconductor
MC10H165 ONSEMI-MC10H165 Datasheet
117Kb / 5P
   8-Input Priority Encoder
REV 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com