Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT2245D Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVT2245D
Description  3.3V Octal transceiver with 30ohm termination resistors 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT2245D Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVT2245D Datasheet HTML 1Page - NXP Semiconductors 74LVT2245D Datasheet HTML 2Page - NXP Semiconductors 74LVT2245D Datasheet HTML 3Page - NXP Semiconductors 74LVT2245D Datasheet HTML 4Page - NXP Semiconductors 74LVT2245D Datasheet HTML 5Page - NXP Semiconductors 74LVT2245D Datasheet HTML 6Page - NXP Semiconductors 74LVT2245D Datasheet HTML 7Page - NXP Semiconductors 74LVT2245D Datasheet HTML 8Page - NXP Semiconductors 74LVT2245D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74LVT2245
3.3V Octal transceiver with 30
termination resistors (3-State)
1998 Feb 19
4
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
MAX
UNIT
VCC
DC supply voltage
2.7
3.6
V
VI
Input voltage
0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Input voltage
0.8
V
IOH
High-level output current
–12
mA
IOL
Low-level output current
12
mA
∆t/∆v
Input transition rise or fall rate; Outputs enabled
10
ns/V
Tamb
Operating free-air temperature range
–40
+85
°C
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = –40
°C to +85°C
UNIT
MIN
TYP1
MAX
VIK
Input clamp voltage
VCC = 2.7V; IIK = –18mA
–0.9
–1.2
V
VOH
High-level output voltage
VCC = 3.0V; IOH = –12mA
2.0
2.2
V
VOL
Low-level output voltage
VCC = 3.0V; IOL = 12mA
0.8
V
VCC = 0 or 3.6V; VI = 5.5V
Control pins
1
10
VCC = 3.6V; VI = VCC or GND
Control ins
±0.1
±1
II
Input leakage current
VCC = 3.6V; VI = 5.5V
1
20
µA
VCC = 3.6V; VI = VCC
I/O Data pins4
0.1
1
VCC = 3.6V; VI = 0
–1
-5
IOFF
Output off current
VCC = 0V; VI or VO = 0 to 4.5V
1
±100
µA
6
VCC = 3V; VI = 0.8V
75
150
IHOLD
Bus Hold current A inputs6
VCC = 3V; VI = 2.0V
–75
–150
µA
VCC = 0V to 3.6V; VCC = 3.6V
±500
IEX
Current into an ouptut in the
High state when VO > VCC
VO = 5.5V; VCC = 3.0V
60
125
µA
IPU/PD
Power up/down 3-State output
current3
VCC ≤ 1.2V; VO = 0.5V to VCC; VI = GND or VCC;
OE/OE = Don’t care
15
±100
µA
ICCH
VCC = 3.6V; Outputs High, VI = GND or VCC, IO = 0
0.13
0.19
ICCL
Quiescent supply current
VCC = 3.6V; Outputs Low, VI = GND or VCC, IO = 0
3
12
mA
ICCZ
VCC = 3.6V; Outputs Disabled; VI = GND or VCC, IO = 05
0.13
0.19
∆ICC
Additional supply current per
input pin3
VCC = 3V to 3.6V; One input at VCC-0.6V,
Other inputs at VCC or GND
0.1
0.2
mA
NOTES:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
2. This is the increase in supply current for each input at the specified voltage level other than VCC or GND
3. This parameter is valid for any VCC between 0V and 1.2V with a transition time of up to 10msec. From VCC = 1.2V to VCC = 3.3V ± 0.3V a
transition time of 100
µsec is permitted. This parameter is valid for Tamb = +25°C only.
4. Unused pins at VCC or GND.
5. ICCZ is measured with outputs pulled up to VCC or down to GND
6. This is the bus hold overdrive current required to force the input to the opposite logic state.


Similar Part No. - 74LVT2245D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT2245D NXP-74LVT2245D Datasheet
99Kb / 15P
   3.3 V octal transceiver with 30 W termination resistors; 3-state
Rev. 04-24 April 2006
logo
Nexperia B.V. All right...
74LVT2245D NEXPERIA-74LVT2245D Datasheet
237Kb / 12P
   3.3 V octal transceiver with 30 Ω termination resistors; 3-state
Rev. 7 - 17 August 2021
logo
NXP Semiconductors
74LVT2245DB NXP-74LVT2245DB Datasheet
99Kb / 15P
   3.3 V octal transceiver with 30 W termination resistors; 3-state
Rev. 04-24 April 2006
More results

Similar Description - 74LVT2245D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT162245B PHILIPS-74LVT162245B Datasheet
80Kb / 10P
   3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74ABT2241 PHILIPS-74ABT2241 Datasheet
104Kb / 12P
   Octal buffer with 30ohm series termination resistors; 3-State
1996 Sep 30
74ABT2245 PHILIPS-74ABT2245 Datasheet
107Kb / 12P
   Octal transceiver with direction pin with 30ohm series termination resistors 3-State
1998 Jan 16
74LVT2241 PHILIPS-74LVT2241 Datasheet
80Kb / 5P
   3.3V Octal buffer/line driver with 30ohm series termination resistors; 3-State
1996 May 29
74LVT2244 PHILIPS-74LVT2244 Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Feb 19
74ALVT162245 PHILIPS-74ALVT162245 Datasheet
89Kb / 10P
   2.5V/3.3V ALVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 13
74F2245 PHILIPS-74F2245 Datasheet
103Kb / 10P
   Octal transceiver with 30ohm equivalent output termination 3-State
1996 May 10
74ABT2240 PHILIPS-74ABT2240 Datasheet
103Kb / 10P
   Octal inverting buffer with 30ohm series termination resistors 3-State
1998 Jan 16
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
   Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74ABT162245A PHILIPS-74ABT162245A Datasheet
83Kb / 12P
   16-Bit bus transceiver with 30ohm series termination resistors 3-State
1998 Feb 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com