Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLHK5100 Datasheet(PDF) 9 Page - Vishay Siliconix

Part # TLHK5100
Description  High Intensity LED, ∅ 5 mm Untinted Non-Diffused
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHK5100 Datasheet(HTML) 9 Page - Vishay Siliconix

  TLHK5100 Datasheet HTML 1Page - Vishay Siliconix TLHK5100 Datasheet HTML 2Page - Vishay Siliconix TLHK5100 Datasheet HTML 3Page - Vishay Siliconix TLHK5100 Datasheet HTML 4Page - Vishay Siliconix TLHK5100 Datasheet HTML 5Page - Vishay Siliconix TLHK5100 Datasheet HTML 6Page - Vishay Siliconix TLHK5100 Datasheet HTML 7Page - Vishay Siliconix TLHK5100 Datasheet HTML 8Page - Vishay Siliconix TLHK5100 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
VISHAY
TLHE / G / K / P510.
Document Number 83010
Rev. 1.9, 31-Aug-04
Vishay Semiconductors
www.vishay.com
9
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to
1. Meet all present and future national and international statutory requirements.
2. Regularly and continuously improve the performance of our products, processes, distribution and
operatingsystems with respect to their impact on the health and safety of our employees and the public, as
well as their impact on the environment.
It is particular concern to control or eliminate releases of those substances into the atmosphere which are
known as ozone depleting substances (ODSs).
The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs
and forbid their use within the next ten years. Various national and international initiatives are pressing for an
earlier ban on these substances.
Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the
use of ODSs listed in the following documents.
1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments
respectively
2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental
Protection Agency (EPA) in the USA
3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively.
Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting
substances and do not contain such substances.
We reserve the right to make changes to improve technical design
and may do so without further notice.
Parameters can vary in different applications. All operating parameters must be validated for each
customer application by the customer. Should the buyer use Vishay Semiconductors products for any
unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all
claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal
damage, injury or death associated with such unintended or unauthorized use.
Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423


Similar Part No. - TLHK5100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHK5100 VISHAY-TLHK5100 Datasheet
112Kb / 9P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A3, 04-Feb-99
TLHK5100 VISHAY-TLHK5100 Datasheet
204Kb / 5P
   High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLHK5100 VISHAY-TLHK5100_V01 Datasheet
204Kb / 5P
   High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
More results

Similar Description - TLHK5100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHF5800 VISHAY-TLHF5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHK5800 VISHAY-TLHK5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHE5800 VISHAY-TLHE5800 Datasheet
75Kb / 5P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A1, 04-Feb-99
TLHK51 VISHAY-TLHK51 Datasheet
112Kb / 9P
   High Intensity LED, 5 mm Untinted Non-Diffused
Rev. A3, 04-Feb-99
TLHF5800 VISHAY-TLHF5800_V01 Datasheet
114Kb / 5P
   High Intensity LED, ??5 mm Untinted Non-Diffused
18-Jul-08
TLHK5800 VISHAY-TLHK5800_V02 Datasheet
109Kb / 5P
   High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLHK510 VISHAY-TLHK510_V01 Datasheet
117Kb / 6P
   High Intensity LED, 횠 5 mm Untinted Non-Diffused Package
01-Jan-2022
TLHE5800 VISHAY-TLHE5800_V02 Datasheet
447Kb / 4P
   High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLHK5100 VISHAY-TLHK5100_V01 Datasheet
204Kb / 5P
   High Intensity LED, Ø 5 mm Untinted Non-Diffused Package
01-Jan-2023
TLCR5200 VISHAY-TLCR5200 Datasheet
167Kb / 8P
   High Intensity LED, diameter 5 mm 30degree Untinted Non-Diffused
Rev. 5, 08-Apr-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com