Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB80NF55-06T4 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB80NF55-06T4
Description  N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80NF55-06T4 Datasheet(HTML) 5 Page - STMicroelectronics

  STB80NF55-06T4 Datasheet HTML 1Page - STMicroelectronics STB80NF55-06T4 Datasheet HTML 2Page - STMicroelectronics STB80NF55-06T4 Datasheet HTML 3Page - STMicroelectronics STB80NF55-06T4 Datasheet HTML 4Page - STMicroelectronics STB80NF55-06T4 Datasheet HTML 5Page - STMicroelectronics STB80NF55-06T4 Datasheet HTML 6Page - STMicroelectronics STB80NF55-06T4 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.4
4.6
0.173
0.181
A1
2.49
2.69
0.098
0.106
B
0.7
0.93
0.027
0.036
B2
1.14
1.7
0.044
0.067
C
0.45
0.6
0.017
0.023
C2
1.23
1.36
0.048
0.053
D
8.95
9.35
0.352
0.368
e
2.4
2.7
0.094
0.106
E
10
10.4
0.393
0.409
L
13.1
13.6
0.515
0.531
L1
3.48
3.78
0.137
0.149
L2
1.27
1.4
0.050
0.055
L
L1
D
L2
P011P5/E
TO-262 (I
2PAK) MECHANICAL DATA
STB80NF55-06
5/7


Similar Part No. - STB80NF55-06T4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80NF55-06T4 STMICROELECTRONICS-STB80NF55-06T4 Datasheet
449Kb / 17P
   N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
More results

Similar Description - STB80NF55-06T4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80NF55-06 STMICROELECTRONICS-STB80NF55-06_06 Datasheet
449Kb / 17P
   N-channel 55V - 0.005 - 80A - TO-220 /FP - I2PAK - D2PAK STripFET II Power MOSFET
STB140NF55 STMICROELECTRONICS-STB140NF55_07 Datasheet
483Kb / 15P
   N-channel 55V - 0.0065廓 - 80A - D2PAK - I2PAK - TO-220 STripFET??II Power MOSFET
STP80NF55-08 STMICROELECTRONICS-STP80NF55-08 Datasheet
353Kb / 11P
   N-CHANNEL 55V - 0.0065 ohm - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
STB141NF55 STMICROELECTRONICS-STB141NF55 Datasheet
358Kb / 15P
   N-channel 55V - 0.0065廓 - 80A - D2PAK - I2PAK - TO-220 STripFET??II Power MOSFET
STP80NF55L-08 STMICROELECTRONICS-STP80NF55L-08 Datasheet
320Kb / 8P
   N-CHANNEL 55V - 0.0065ohm - 80A - TO-220/D2PAK STripFET??II POWER MOSFET
STB80NF55L-06 STMICROELECTRONICS-STB80NF55L-06 Datasheet
85Kb / 8P
   N - CHANNEL 55V - 0.005 ohm - 80A D2PAK STripFET POWER MOSFET
STP80NF55L-06 STMICROELECTRONICS-STP80NF55L-06 Datasheet
83Kb / 8P
   N - CHANNEL 55V - 0.005 ohm - 80A TO-220 STripFET POWER MOSFET
STP80NF03L-04-1 STMICROELECTRONICS-STP80NF03L-04-1 Datasheet
360Kb / 11P
   N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET??II POWER MOSFET
STB85NF55L STMICROELECTRONICS-STB85NF55L Datasheet
370Kb / 10P
   N-CHANNEL 55V - 0.0060 ohm - 80A D2PAK/TO-220 STripFET??II POWER MOSFET
STB150NF55 STMICROELECTRONICS-STB150NF55_06 Datasheet
561Kb / 19P
   N-channel 55V - 0.005廓 - 120A - D2PAK/TO-220/TO-247 STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com