![]() |
Electronic Components Datasheet Search |
|
74LVT2241 Datasheet(PDF) 1 Page - NXP Semiconductors |
|
74LVT2241 Datasheet(HTML) 1 Page - NXP Semiconductors |
1 / 5 page ![]() Philips Semiconductors Product specification 74LVT2241 3.3V Octal buffer/line driver with 30 W series termination resistors; 3-State 1 1996 May 29 853-1840 16867 FEATURES • Octal bus interface • 3-State buffers • Output capability: +12mA/-12mA • TTL input and output switching levels • Input and output interface capability to systems at 5V supply • Bus-hold data inputs eliminate the need for external pull-up resistors to hold unused inputs • Power-up 3-State • Live insertion/extraction permitted • No bus current loading when output is tied to 5V bus • Latch-up protection exceeds 500mA per JEDEC Std 17 • ESD protection exceeds 2000V per MIL STD 883 Method 3015 and 200V per Machine Model. • Outputs include series resistance of 30Ω, making external termination resistors unnecessary. DESCRIPTION The 74LVT2241 high-performance BiCMOS device combines low static and dynamic power dissipation with high speed and high output drive. The 74LVT2241 device is an octal buffer that is ideal for driving bus lines. The device features two Output Enables (1OE, 2OE), each controlling four of the 3-State outputs. The 74LVT2241 is designed with 30 Ω series resistance in both the High and Low states of the output. This design reduces the line noise in applications such as memory address drivers, clock drivers and bus receivers/transmitters. QUICK REFERENCE DATA SYMBOL PARAMETER CONDITIONS Tamb = 25°C; GND = 0V TYPICAL UNIT tPLH tPHL Propagation delay nAx to nYx CL = 50pF; VCC = 3.3V 3.0 3.3 ns CIN Input capacitance VI = 0V or 3.0V 4 pF COUT Output capacitance Outputs disabled; VO = 0V or 3.0V 8 pF ICCZ Total supply current Outputs disabled; VCC = 3.6V 0.12 mA ORDERING INFORMATION PACKAGES TEMPERATURE RANGE OUTSIDE NORTH AMERICA NORTH AMERICA DWG NUMBER 20-Pin Plastic SOL –40 °C to +85°C 74LVT2241 D 74LVT2241 D SOT163-1 20-Pin Plastic SSOP Type II –40 °C to +85°C 74LVT2241 DB 74LVT2241 DB SOT339-1 20-Pin Plastic TSSOP Type I –40 °C to +85°C 74LVT2241 PW 7LVT2241PW DH SOT360-1 PIN CONFIGURATION 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 1OE 1A0 2Y0 1A1 2Y1 1A2 2Y2 1A3 2Y3 1Y3 GND 2A2 1Y2 2A1 1Y1 2A0 1Y0 2OE VCC 2A3 SA00038 PIN DESCRIPTION PIN NUMBER SYMBOL NAME AND FUNCTION 2, 4, 6, 8 1A0 – 1A3 Data inputs 17, 15, 13, 11 2A0 – 2A3 Data inputs 18, 16, 14, 12 1Y0 – 1Y3 Data outputs 3, 5, 7, 9 2Y0 – 2Y3 Data outputs 1, 19 1OE, 2OE Output enables 10 GND Ground (0V) 20 VCC Positive supply voltage |