Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVT2241 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. 74LVT2241
Description  3.3V Octal buffer/line driver with 30ohm series termination resistors; 3-State
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT2241 Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVT2241 Datasheet HTML 1Page - NXP Semiconductors 74LVT2241 Datasheet HTML 2Page - NXP Semiconductors 74LVT2241 Datasheet HTML 3Page - NXP Semiconductors 74LVT2241 Datasheet HTML 4Page - NXP Semiconductors 74LVT2241 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Philips Semiconductors
Product specification
74LVT2241
3.3V Octal buffer/line driver with 30
W series
termination resistors; 3-State
1996 May 29
4
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω;Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = –40°C to +85°C
VCC = +3.3V ±0.3V
VCC = 2.7V
UNIT
MIN
TYP1
MAX
MAX
tPLH
tPHL
Propagation delay
nAx to nYx
1
1
1
3.0
3.3
4.2
4.3
5.0
4.7
ns
tPZH
tPZL
Output enable time
to High and Low level,
1OE to 1Yn
2
1
1
4.4
4.3
6.2
5.9
8.5
6.8
ns
tPHZ
tPLZ
Output disable time
from High and Low level,
1OE to 1Yn
2
1
1.6
3.4
3.2
5.0
4.5
5.2
4.5
ns
tPZH
tPZL
Output enable time
to High and Low level,
2OE to 2Yn
2
1
1
4.4
4.1
6.2
5.5
7.9
6.2
ns
tPHZ
tPLZ
Output disable time
from High and Low level,
2OE to 2Yn
2
1
1
3.9
3.8
5.7
5.1
6.4
5.8
ns
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
An INPUT
VM
VM
Yn OUTPUT
VM
VM
tPLH
tPHL
SA00028
Waveform 1. Waveforms Showing the Input (An)
to Output (Yn) Propagation Delays
OE INPUT
VM
VM
tPZH
tPHZ
Yn OUTPUT
VOH
VM
VM
Yn OUTPUT
VOL
tPZL
tPLZ
3.5V
0V
VOL + 0.3V
VOH – 0.3V
SA00041
OE INPUT
Waveform 2. Waveforms Showing the 3–State Output
Enable and Disable Times


Similar Part No. - 74LVT2241

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74LVT2241 PHILIPS-74LVT2241_15 Datasheet
61Kb / 5P
   3.3V Octal buffer/line driver with 30 series termination resistors; 3-State
1996 May 29
More results

Similar Description - 74LVT2241

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74LVT2244 PHILIPS-74LVT2244 Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Feb 19
74ABT2244 PHILIPS-74ABT2244 Datasheet
104Kb / 12P
   Octal buffer/line driver with 30ohm series termination resistors 3-State
1998 Jan 16
74ABT2241 PHILIPS-74ABT2241 Datasheet
104Kb / 12P
   Octal buffer with 30ohm series termination resistors; 3-State
1996 Sep 30
74ABT2240 PHILIPS-74ABT2240 Datasheet
103Kb / 10P
   Octal inverting buffer with 30ohm series termination resistors 3-State
1998 Jan 16
74LVT2241 PHILIPS-74LVT2241_15 Datasheet
61Kb / 5P
   3.3V Octal buffer/line driver with 30 series termination resistors; 3-State
1996 May 29
74LVT2244 PHILIPS-74LVT2244_15 Datasheet
107Kb / 10P
   3.3V Octal buffer/line driver with 30W series termination resistors (3-State)
1998 Feb 19
74ABT162244 PHILIPS-74ABT162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74LVT2245 PHILIPS-74LVT2245 Datasheet
93Kb / 10P
   3.3V Octal transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74ALVT162244 PHILIPS-74ALVT162244 Datasheet
86Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Oct 07
74ALVT162241 PHILIPS-74ALVT162241 Datasheet
88Kb / 10P
   2.5V/3.3V 16-bit buffer/driver with 30ohm termination resistors 3-State
1998 Feb 13
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz