Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

MC14529B Datasheet(PDF) 6 Page - Motorola, Inc

Part No. MC14529B
Description  3.3 VOLT ONLY DRIVER / RECEIVER WITH AN INTEGRATED STANDBY MODE
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo 

MC14529B Datasheet(HTML) 6 Page - Motorola, Inc

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MOTOROLA CMOS LOGIC DATA
MC14529B
6
Figure 13. Typical Insertion Loss/Bandwidth
Characteristics
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
Y2
Y1
Y0
STY
VDD
Z
W
Y3
X2
X1
X0
STX
VSS
B
A
X3
10 k
100 k
1.0 M
10 M
100 M
2.0
0
–2.0
–4.0
–6.0
–8.0
–10
–12
fin, INPUT FREQUENCY (Hz)
RL = 1 MW AND 100 kW
1.0 k
W
10 k
W
–3.0 dB (RL = 1.0 MW)
–3.0 dB (RL = 10 kW)
–3.0 dB (RL = 1.0 kW)
LOGIC DIAGRAM
VDD = PIN 16
VSS = PIN 8
11
12
5
4
3
2
13
14
10
W
9
Z
Y3
Y2
Y1
Y0
X3
X2
X1
X0
15
1
6
7
STY STX
A
B


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn