Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5324D Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R5324D
Description  CMOS 3CH-LDOs for RF Unit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R5324D Datasheet(HTML) 1 Page - RICOH electronics devices division

  R5324D Datasheet HTML 1Page - RICOH electronics devices division R5324D Datasheet HTML 2Page - RICOH electronics devices division R5324D Datasheet HTML 3Page - RICOH electronics devices division R5324D Datasheet HTML 4Page - RICOH electronics devices division R5324D Datasheet HTML 5Page - RICOH electronics devices division R5324D Datasheet HTML 6Page - RICOH electronics devices division R5324D Datasheet HTML 7Page - RICOH electronics devices division R5324D Datasheet HTML 8Page - RICOH electronics devices division R5324D Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
CMOS 3CH-LDOs for RF Unit
R5324D SERIES
1
R5324D_E.doc/2003/02/10
NO. EA-099-0301
OUTLINE
The R5324D Series are CMOS-based multi positive voltage regulator ICs with high output voltage accuracy, low
supply current, low noise, low dropout and high ripple rejection. The R5324D Series contain three voltage regulators.
Each of these voltage regulators in the R5324D Series consists of a voltage reference unit, an error amplifier, resistors
for setting output voltage, a short current limit circuit, a chip enable circuit, and so on.
The chip enable function contributes to prolong battery life. Further, regulators in the R5324D Series are with low
dropout voltage, excellent load transient response and line transient response, thus the R5324D series are very suit-
able for the power supply for hand-held communication equipment.
Since the package for these ICs is SON-8, high density mounting of the ICs on boards is possible.
FEATURES
• Ultra-Low Supply Current ...........................................Typ. 90µA: VR1, Typ. 90µA: VR2, Typ. 90µA: VR3
• Low Standby Current...................................................Typ. 0.1µA
• Low Dropout Voltage ...................................................Typ. 0.23V (VR1) 0.22V(VR2) 0.15V (VR3)
IOUT=200mA: VR1, 150mA: VR2, 100mA: VR3
(ex. for 3.0V Output Type)
• High Ripple Rejection ..................................................Typ. 70dB (f=1kHz), 65dB (f=10kHz)
• High Output Voltage Accuracy ....................................±2.0%
• Excellent Load Transient Response and Line Transient Response
• Small Package...............................................................SON-8
• Ceramic Capacitor Recommended for Output ............1.0µF or more
APPLICATIONS
• Power source for cellular phones and portable communication equipment.
• Power source for electrical appliances such as cameras, VCRs.
• Power source for battery-powered equipment.


Similar Part No. - R5324D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5324D RICOH-R5324D Datasheet
398Kb / 29P
   CMOS 3ch-LDOs for RF Unit
R5324D001A RICOH-R5324D001A Datasheet
398Kb / 29P
   CMOS 3ch-LDOs for RF Unit
R5324D001B RICOH-R5324D001B Datasheet
398Kb / 29P
   CMOS 3ch-LDOs for RF Unit
R5324D002A RICOH-R5324D002A Datasheet
398Kb / 29P
   CMOS 3ch-LDOs for RF Unit
R5324D002B RICOH-R5324D002B Datasheet
398Kb / 29P
   CMOS 3ch-LDOs for RF Unit
More results

Similar Description - R5324D

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R5324D RICOH-R5324D_07 Datasheet
398Kb / 29P
   CMOS 3ch-LDOs for RF Unit
logo
ON Semiconductor
NCP4523 ONSEMI-NCP4523 Datasheet
132Kb / 24P
   CMOS 3CH-LDOs for RF Unit
December, 2004 ??Rev. 4
logo
RICOH electronics devic...
R5320X RICOH-R5320X Datasheet
288Kb / 28P
   CMOS 3CH-LDOs for RF Unit
logo
ON Semiconductor
NCP4523G3T1G ONSEMI-NCP4523G3T1G Datasheet
127Kb / 24P
   CMOS 3CH?묹DOs for RF Unit
September, 2005 ??Rev. 6
logo
RICOH electronics devic...
R5321D RICOH-R5321D Datasheet
406Kb / 22P
   CMOS 2ch-LDOs for RF Unit
R5320G RICOH-R5320G Datasheet
271Kb / 30P
   CMOS Multi-LDOs for RF Unit
logo
Rohm
BU6650NUX ROHM-BU6650NUX_11 Datasheet
1Mb / 22P
   3ch CMOS LDO Regulators
logo
Sanyo Semicon Device
LV5217GP SANYO-LV5217GP Datasheet
106Kb / 12P
   Bi-CMOS IC For Cell Phones 3ch LED Driver
logo
Semtech Corporation
SC653 SEMTECH-SC653 Datasheet
309Kb / 22P
   Light Management Unit with 2 LDOs and SemPulse짰Interface
SC643 SEMTECH-SC643 Datasheet
355Kb / 26P
   Light Management Unit with 4 LDOs and SemPulse짰Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com