Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVT20 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. 74LVT20
Description  3.3V Dual 4-input NAND gate
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74LVT20 Datasheet(HTML) 4 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74LVT20
3.3V Dual 4-input NAND gate
1996 Aug 28
4
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions
Voltages are referenced to GND (ground = 0V)
PARAMETER
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VIK
Input clamp voltage
VCC = 2.7V; IIK = –18mA
–1.2
V
VOH
High-level output voltage
VCC = 2.7 to 3.6V; IOH = –100µA
VCC–0.2
V
VOH
High-level output voltage
VCC = 2.7V; IOH = –6mA
2.4
V
VCC = 3.0V; IOH = –20mA
2.0
VOL
Low-level output voltage
VCC = 2.7V; IOL = 100µA
0.2
V
VOL
Low-level output voltage
VCC = 2.7V; IOL = 24mA
0.5
V
VCC = 3.0V; IOL = 32mA
0.5
II
Input leakage current
VCC = 0 or 3.6V; VI = 5.5V
10
µA
II
Input leakage current
VCC = 3.6V; VI = VCC or GND
±1
µA
IOFF
Output off current
VCC = 0V; VI or VO = 0 to 4.5V
±100
µA
ICCH
Quiescent supply current
VCC = 3.6V; Outputs High, VI = GND or
VCC, IO = 0
0.02
mA
ICCL
Quiescent supply current
VCC = 3.6V; Outputs Low, VI = GND or VCC,
IO = 0
0.5
1.2
mA
∆ICC
Additional supply current per input pin2
VCC = 3V to 3.6V; One input at VCC–0.6V,
Other inputs at VCC or GND
0.2
µA
CI
Input capacitance
VI = 3V or 0
3
pF
NOTES:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
2. This is the increase in supply current for each input at the specificed voltage level other than VCC or GND.
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF, RL = 500Ω; Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ± 0.3V
VCC = 2.7V
UNIT
MIN
TYP1
MAX
MAX
tPLH
tPHL
Propagation delay
An, Bn, Cn, Dn to Yn
1
1.0
1.0
3.4
3.2
5.4
4.4
6.4
4.3
ns
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
AC WAVEFORMS
VM = 1.5V, VIN = GND to 2.7V
VM
VM
VM
VM
Qn
Dna, Dnb, Dnc, Dnd
tPHL
tPLH
SF00069
Waveform 1.
Propagation Delay for Inverting Outputs


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC74AC20Dual 4-Input NAND Gate 1 2 3 4 5 MoreON Semiconductor
DM74S20Dual 4-Input NAND Gate 1 2 3 Fairchild Semiconductor
MC54F20DUAL 4-INPUT NAND GATE 1 2 Motorola, Inc
CD74AC20Dual 4-Input NAND Gate 1 2 3 4 5 Texas Instruments
ACS20MSRadiation Hardened Dual 4-Input NAND Gate 1 2 3 4 5 MoreIntersil Corporation
HCTS20MSRadiation Hardened Dual 4-Input NAND Gate 1 2 3 4 5 MoreIntersil Corporation
74LV20Dual 4-input NAND gate 1 2 3 4 5 MoreNXP Semiconductors
74AC20Dual 4-Input NAND Gate 1 2 3 4 5 MoreFairchild Semiconductor
74LVQ20DUAL 4-INPUT NAND GATE 1 2 3 4 5 MoreSTMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn