Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P83C660X2 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P83C660X2
Description  80C51 8-bit microcontroller family
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C660X2 Datasheet(HTML) 3 Page - NXP Semiconductors

  P83C660X2 Datasheet HTML 1Page - NXP Semiconductors P83C660X2 Datasheet HTML 2Page - NXP Semiconductors P83C660X2 Datasheet HTML 3Page - NXP Semiconductors P83C660X2 Datasheet HTML 4Page - NXP Semiconductors P83C660X2 Datasheet HTML 5Page - NXP Semiconductors P83C660X2 Datasheet HTML 6Page - NXP Semiconductors P83C660X2 Datasheet HTML 7Page - NXP Semiconductors P83C660X2 Datasheet HTML 8Page - NXP Semiconductors P83C660X2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 102 page
background image
Philips Semiconductors
Product data
P8xC660X2/661X2
80C51 8-bit microcontroller family 16 KB OTP/ROM, 512B
RAM, low voltage (2.7 to 5.5 V), low power, high speed (30/33
MHz), two 400KB I2C interfaces
2003 Oct 02
3
SELECTION TABLE
Type
Memory
Timers
Serial
Interfaces
Max.
Freq.
at 6-clk
/ 12-clk
(MHz)
Freq.
Range
at
3V
(MHz)
(6-clk /
12-clk)
Freq.
Range
at
5V
(MHz)
(6-clk /
12-clk)
P87C660X2
512B
16K
4
1
32
7(2)/4
12-clk
6-clk
H
30/33
0-16
0-30/33
P83C660X2
512B
16K
4
1
32
7(2)/4
12-clk
6-clk
H
30/33
0-16
0-30/33
P87C661X2
512B
16K
4
2
32
7(2)/4
12-clk
6-clk
H
30/33
0-16
0-30/33
P83C661X2
512B
16K
4
2
32
7(2)/4
12-clk
6-clk
H
30/33
0-16
0-30/33
ORDERING INFORMATION
Type number
Package
Temp Range
(
°C)
OTP
ROM
RAM
Name
Description
Version
(
°C)
P83C660X2FA
16 KB
512B
PLCC44
plastic leaded chip carrier; 44 leads
SOT187–2
–40 to +85
P83C660X2BBD
16 KB
512B
LQFP44
plastic low profile quad flat package; 44 leads;
body 10
10
1.4 mm
SOT389–1
0 to +70
P87C660X2FA
16 KB
512B
PLCC44
plastic leaded chip carrier; 44 leads
SOT187–2
–40 to +85
P87C660X2BBD
16 KB
512B
LQFP44
plastic low profile quad flat package; 44 leads;
body 10
10
1.4 mm
SOT389–1
0 to +70
P83C661X2FA
16 KB
512B
PLCC44
plastic leaded chip carrier; 44 leads
SOT187–2
–40 to +85
P83C661X2BBD
16 KB
512B
LQFP44
plastic low profile quad flat package; 44 leads;
body 10
10
1.4 mm
SOT389–1
0 to +70
P87C661X2FA
16 KB
512B
PLCC44
plastic leaded chip carrier; 44 leads
SOT187–2
–40 to +85
P87C661X2BBD
16 KB
512B
LQFP44
plastic low profile quad flat package; 44 leads;
body 10
10
1.4 mm
SOT389–1
0 to +70


Similar Part No. - P83C660X2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P83C660X2 NXP-P83C660X2 Datasheet
572Kb / 102P
   80C51 8-bit microcontroller family 16KB OTP/ROM, 512B RAM low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz), two 400KB I2C interfaces
2003 Oct 02
P83C660X2BBD NXP-P83C660X2BBD Datasheet
572Kb / 102P
   80C51 8-bit microcontroller family 16KB OTP/ROM, 512B RAM low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz), two 400KB I2C interfaces
2003 Oct 02
P83C660X2FA NXP-P83C660X2FA Datasheet
572Kb / 102P
   80C51 8-bit microcontroller family 16KB OTP/ROM, 512B RAM low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz), two 400KB I2C interfaces
2003 Oct 02
More results

Similar Description - P83C660X2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87CL52X2 PHILIPS-P87CL52X2 Datasheet
301Kb / 47P
   80C51 8-bit microcontroller family
2003 May 14
P89C51RB2HXX PHILIPS-P89C51RB2HXX Datasheet
314Kb / 56P
   80C51 8-bit Flash microcontroller family
2002 May 24
P89C51RD2 PHILIPS-P89C51RD2 Datasheet
404Kb / 68P
   80C51 8-bit Flash microcontroller family
2002 Jul 18
P89C60X2 PHILIPS-P89C60X2 Datasheet
342Kb / 56P
   80C51 8-bit Flash microcontroller family
2003 Sep 11
P89C660 PHILIPS-P89C660 Datasheet
491Kb / 89P
   80C51 8-bit Flash microcontroller family
2002 Oct 28
P89C51X2 PHILIPS-P89C51X2 Datasheet
319Kb / 48P
   80C51 8-bit Flash microcontroller family
2002 Jun 05
P87C51MB2 PHILIPS-P87C51MB2 Datasheet
394Kb / 34P
   80C51 8-bit microcontroller family with extended memory
2001 Apr 06
P87C552SFAA NXP-P87C552SFAA Datasheet
341Kb / 74P
   80C51 8-bit microcontroller
2003 Apr 01
89C536 PHILIPS-89C536 Datasheet
269Kb / 32P
   80C51 8-bit microcontroller family 16K/64K/512 FLASH
1998 Apr 24
89C58 PHILIPS-89C58 Datasheet
226Kb / 32P
   80C51 8-bit microcontroller family 4K/8K/16K/32K Flash
1999 Oct 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com