Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC74AC14 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. MC74AC14
Description  Hex Inverter Schmitt Trigger
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC14 Datasheet(HTML) 6 Page - ON Semiconductor

  MC74AC14 Datasheet HTML 1Page - ON Semiconductor MC74AC14 Datasheet HTML 2Page - ON Semiconductor MC74AC14 Datasheet HTML 3Page - ON Semiconductor MC74AC14 Datasheet HTML 4Page - ON Semiconductor MC74AC14 Datasheet HTML 5Page - ON Semiconductor MC74AC14 Datasheet HTML 6Page - ON Semiconductor MC74AC14 Datasheet HTML 7Page - ON Semiconductor MC74AC14 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC74AC14, MC74ACT14
http://onsemi.com
6
PACKAGE DIMENSIONS
PDIP–14
N SUFFIX
14 PIN PLASTIC DIP PACKAGE
CASE 646–06
ISSUE M
17
14
8
B
A
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.715
0.770
18.16
18.80
B
0.240
0.260
6.10
6.60
C
0.145
0.185
3.69
4.69
D
0.015
0.021
0.38
0.53
F
0.040
0.070
1.02
1.78
G
0.100 BSC
2.54 BSC
H
0.052
0.095
1.32
2.41
J
0.008
0.015
0.20
0.38
K
0.115
0.135
2.92
3.43
L
M
---
10
---
10
N
0.015
0.039
0.38
1.01
__
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD
FLASH.
5. ROUNDED CORNERS OPTIONAL.
F
HG
D
K
C
SEATING
PLANE
N
–T–
14 PL
M
0.13 (0.005)
L
M
J
0.290
0.310
7.37
7.87
SO–14
D SUFFIX
14 PIN PLASTIC SOIC PACKAGE
CASE 751A–03
ISSUE F
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
–A–
–B–
G
P 7 PL
14
8
7
1
M
0.25 (0.010)
B M
S
B
M
0.25 (0.010)
A S
T
–T–
F
R X 45
SEATING
PLANE
D 14 PL
K
C
J
M
_
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
8.55
8.75
0.337
0.344
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.050 BSC
J
0.19
0.25
0.008
0.009
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
5.80
6.20
0.228
0.244
R
0.25
0.50
0.010
0.019
__
__


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74AC14 Hex Inverter with Schmitt Trigger Input 1  2  3  4  5  More Fairchild Semiconductor
DM7414 Hex Inverter with Schmitt Trigger Input 1  2  3  Fairchild Semiconductor
54ACTQ14 Quiet Series Hex Inverter with Schmitt Trigger Input 1  2  3  4  5  More National Semiconductor (TI)
74LVT14 3.3V Hex inverter Schmitt trigger 1  2  3  4  5  More NXP Semiconductors
74LVX14 Low Voltage Hex Inverter with Schmitt Trigger Input 1  2  3  4  5  More Fairchild Semiconductor
54F14DM Hex Inverter Schmitt Trigger 1  2  3  4  5  More National Semiconductor (TI)
DM74ALS14 Hex Inverter with Schmitt Trigger Inputs 1  2  3  4  5  More National Semiconductor (TI)
74F14 Hex inverter Schmitt trigger 1  2  3  4  5  More NXP Semiconductors
74ACTQ14 Quiet Series Hex Inverter with Schmitt Trigger Input 1  2  3  4  5  More Fairchild Semiconductor
74F14 Hex Inverter Schmitt Trigger 1  2  3  4  Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn