Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IXFK25N90 Datasheet(PDF) 4 Page - IXYS Corporation

Part No. IXFK25N90
Description  HiPerFET Power MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFK25N90 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFK25N90 Datasheet HTML 1Page - IXYS Corporation IXFK25N90 Datasheet HTML 2Page - IXYS Corporation IXFK25N90 Datasheet HTML 3Page - IXYS Corporation IXFK25N90 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 - 4
© 2000 IXYS All rights reserved
IXFK 25N90 IXFX 25N90
IXFK 26N90 IXFX 26N90
V
SD - Volts
0.00.3
0.60.9
1.21.5
0
5
10
15
20
25
30
35
40
45
50
Case Temperature -
oC
-50
-25
0
25
50
75
100
125
150
0
5
10
15
20
25
30
Pulse Width - Seconds
10-4
10-3
10-2
10-1
100
101
0.001
0.010
0.100
V
DS - Volts
0
5
10
15
20
25
30
35
40
100
1000
10000
Gate Charge - nC
0
50
100
150
200
250
300
350
0
3
6
9
12
15
Crss
Coss
Ciss
VDS = 500 V
ID = 13 A
IG = 10 mA
f = 1MHz
IXF_26N90
TJ = 125oC
TJ = 25oC
0. 300
IXF_25N90
20000
Figure 7. Gate Charge
Figure 8. Capacitance Curves
Figure 9. Forward Voltage Drop of the Intrinsic
Diode
Figure10. Drain Current vs. Case
Temperature
Figure 11. Transient Thermal Resistance


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IXFN340N06 HiPerFET Power MOSFETs Single Die MOSFET 1  2  IXYS Corporation
IXFH26N50 HiPerFET Power MOSFETs 1  2  3  4  IXYS Corporation
IXFH48N50 HiPerFET Power MOSFETs 1  2  3  4  IXYS Corporation
IXFN180N06 HiPerFET Power MOSFETs 1  2  3  4  IXYS Corporation
IXFK24N120Q2 HiPerFET Power MOSFETs Q-Class 1  2  IXYS Corporation
IXFN21N100Q HiPerFET TM Power MOSFETs Q-Class 1  2  3  4  IXYS Corporation
IXFA3N80 HiPerFET Power MOSFETs 1  2  IXYS Corporation
IXFH40N50Q2 HiPerFET Power MOSFETs 1  2  3  4  5  IXYS Corporation
IXFX44N60 HiPerFET Power MOSFETs 1  2  3  4  IXYS Corporation
IXFH32N50 HiPerFET Power MOSFETs 1  2  3  4  IXYS Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn