Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IXFK25N90 Datasheet(PDF) 3 Page - IXYS Corporation

Part No. IXFK25N90
Description  HiPerFET Power MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFK25N90 Datasheet(HTML) 3 Page - IXYS Corporation

  IXFK25N90 Datasheet HTML 1Page - IXYS Corporation IXFK25N90 Datasheet HTML 2Page - IXYS Corporation IXFK25N90 Datasheet HTML 3Page - IXYS Corporation IXFK25N90 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3 - 4
© 2000 IXYS All rights reserved
V
DS - Volts
0
2468
10
0
5
10
15
20
V
DS - Volts
0
5
10
15
20
25
0
5
10
15
20
25
30
T
J - Degrees C
25
50
75
100
125
150
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
V
GS - Volts
234567
0
5
10
15
20
25
30
I
D - Amperes
0
1020304050
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
V
CE - Volts
04
8
12
16
20
0
10
20
30
40
50
6V
5V
VGS = 10V
VGS = 9V
8V
TJ = 25°C
VGS = 9V
8V
7V
TJ = 25°C
TJ = 125°C
4V
4V
TJ = 25°C
TJ = 125°C
5V
6V
4V
5V
6V
VGS = 9V
8V
7V
T
J = 125
OC
VGS = 10V
7V
ID = 26A
ID = 13A
T
J = 25
OC
Figure 1. Output Characteristics at 25OC
Figure 2. Extended Output Characteristics at 125OC
Figure 3. R
DS(on) normalized to 0.5
I
D25
value vs. I
D
Figure 6. R
DS(on) normalized to 0.5
I
D25
value vs.
T
J
Figure 5. R
DS(on) normalized to 0.5
I
D25
value vs. I
D
Figure 4. Admittance Curves
IXFK 25N90 IXFX 25N90
IXFK 26N90 IXFX 25N90


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IXFN340N06 HiPerFET Power MOSFETs Single Die MOSFET 1  2  IXYS Corporation
IXFH26N50 HiPerFET Power MOSFETs 1  2  3  4  IXYS Corporation
IXFH48N50 HiPerFET Power MOSFETs 1  2  3  4  IXYS Corporation
IXFN180N06 HiPerFET Power MOSFETs 1  2  3  4  IXYS Corporation
IXFK24N120Q2 HiPerFET Power MOSFETs Q-Class 1  2  IXYS Corporation
IXFN21N100Q HiPerFET TM Power MOSFETs Q-Class 1  2  3  4  IXYS Corporation
IXFA3N80 HiPerFET Power MOSFETs 1  2  IXYS Corporation
IXFH40N50Q2 HiPerFET Power MOSFETs 1  2  3  4  5  IXYS Corporation
IXFX44N60 HiPerFET Power MOSFETs 1  2  3  4  IXYS Corporation
IXFH32N50 HiPerFET Power MOSFETs 1  2  3  4  IXYS Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn