Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IXFH40N50Q2 Datasheet(PDF) 3 Page - IXYS Corporation

Part No. IXFH40N50Q2
Description  HiPerFET Power MOSFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH40N50Q2 Datasheet(HTML) 3 Page - IXYS Corporation

  IXFH40N50Q2 Datasheet HTML 1Page - IXYS Corporation IXFH40N50Q2 Datasheet HTML 2Page - IXYS Corporation IXFH40N50Q2 Datasheet HTML 3Page - IXYS Corporation IXFH40N50Q2 Datasheet HTML 4Page - IXYS Corporation IXFH40N50Q2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
© 2004 IXYS All rights reserved
IXFH40N50Q2
Fig. 2. Extended Output Characteristics
@ 25
ºC
0
10
20
30
40
50
60
70
80
90
0
3
6
9
12
15
18
21
24
27
30
VD S - Volts
VGS = 10V
8V
7V
6V
5V
Fig. 3. Output Characteristics
@ 125
ºC
0
5
10
15
20
25
30
35
40
0
2
4
6
8
10121416
VD S - Volts
VGS = 10V
8V
7V
4.5V
5.5V
5V
6V
Fig. 1. Output Characteristics
@ 25
ºC
0
5
10
15
20
25
30
35
40
0123
4567
VD S - Volts
VGS = 10V
8V
7V
5V
4.5V
5.5V
6V
Fig. 4. RDS(on
) Nor m alize d to 0.5 ID25
Value vs. Junction Tem perature
0.4
0.7
1
1.3
1.6
1.9
2.2
2.5
2.8
3.1
-50
-25
0
25
50
75
100
125
150
TJ - Degrees Centigrade
ID = 40A
ID = 20A
VGS = 10V
Fig. 6. Drain Current vs. Case
Tem perature
0
5
10
15
20
25
30
35
40
45
-50
-25
0
25
50
75
100
125
150
TC - Degrees Centigrade
Fig. 5. RDS(on) Normalized to
0.5 ID25 Value vs. ID
0.7
1
1.3
1.6
1.9
2.2
2.5
2.8
3.1
0
10
20
30
405060
7080
90
100
I D - Amperes
TJ = 125ºC
TJ = 25ºC
VGS = 10V


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IXFN340N06 HiPerFET Power MOSFETs Single Die MOSFET 1  2  IXYS Corporation
IXFH26N50 HiPerFET Power MOSFETs 1  2  3  4  IXYS Corporation
IXFH48N50 HiPerFET Power MOSFETs 1  2  3  4  IXYS Corporation
IXFN180N06 HiPerFET Power MOSFETs 1  2  3  4  IXYS Corporation
IXFK24N120Q2 HiPerFET Power MOSFETs Q-Class 1  2  IXYS Corporation
IXFN21N100Q HiPerFET TM Power MOSFETs Q-Class 1  2  3  4  IXYS Corporation
IXFA3N80 HiPerFET Power MOSFETs 1  2  IXYS Corporation
IXFK25N90 HiPerFET Power MOSFETs 1  2  3  4  IXYS Corporation
IXFX44N60 HiPerFET Power MOSFETs 1  2  3  4  IXYS Corporation
IXFH32N50 HiPerFET Power MOSFETs 1  2  3  4  IXYS Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn