Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-5921AL Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HFBR-5921AL
Description  Fibre Channel 2.125/1.0625 GBd 850 nm (2 x 5) Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5921AL Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HFBR-5921AL Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-5921AL Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-5921AL Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-5921AL Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-5921AL Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-5921AL Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-5921AL Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5921AL Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5921AL Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Description
The HFBR-5921AL from Agilent
Technologies is a high performance,
cost-effective optical transceiver for
serial optical data communications
applications operating at 2.125 Gb/s
and 1.0625 Gb/s. This module is
designed for multimode fiber and
operates at a nominal wavelength of
850 nm. The transceiver
incorporates 3.3 V DC compatible
technology including an 850 nm
VCSEL transmitter. The HFBR-
5921AL offers maximum flexibility to
Fibre Channel designers,
manufacturers, and
system integrators to implement a
range of solutions for multi-mode
Fibre Channel applications. This
product is fully compliant with all
equipment meeting the Fibre
Channel FC-PI 200-M5-SN-I and 200-
M6-SN-I 2.125 GBd specifications,
and is compliant with the Fibre
Channel FC-PI 100-M5-SN-I, FC-PI
100-M6-SN-I, FC-PH2 100-M5-SN- and
FC-PH2 100-M6-SN-I 1.0625 GBd
specifications. The HFBR-5921AL is
also compliant with the SFF Multi
Source Agreement (MSA).
AgilentHFBR-5921AL
FibreChannel2.125/1.0625GBd850nm
(2x5)SmallFormFactorPinThrough
Hole(PTH)LowVoltage(3.3V)
OpticalTransceiver
DataSheet
Features
• Datarate specification:
2.125 GBd operation for FC-PI 200-
M5-SN-I and FC-PI 200-M6-SN-I
1.0625 GBd operation for FC-PI 100-
M5-SN-I and FC-PI 100-M6-SN-I
• Link lengths at 2.125 GBd:
0.5 to 300 m – 50/125
µm MMF
0.5 to 150 m – 62.5/125
µm MMF
• Link lengths at 1.0625 GBd:
0.5 to 500 m – 50/125
µm MMF
0.5 to 300 m – 62.5/125
µm MMF
• 850 nm Vertical Cavity Surface
Emitting Laser (VCSEL)
• Laser AEL Class I (eye safe) per:
US 21 CFR (J)
EN 60825-1 (+All)
• High Reliability <100 FIT @ 50 ºC
• Wide temperature and supply
voltage operation
• Industry standard 2x5 SFF package
• Wave solder and aqueous wash
process compatible
Applications
• Mass storage system I/O
• Computer system I/O
• High speed peripheral interface
• High speed switching systems
• Host adapter I/O
• RAID cabinets
Related Products
• HFBR-59C1L: 850 nm, 3.3 V, 2 x 5
SFF for 2.125 Gbd/1.0625 Gbd CD
laser compatibility for Fibre Channel
• HFBR-5923AL: 850 nm, 3.3 V, 2 x 6
SFF for 2.125 Gbd/1.0625 Gbd for
Fibre Channel
• HFBR-59L1AL: 850 nm, 3.3 V, 2 x 5
SFF for 125 Gbd/1.0625 Gbd for
Ethernet and Fibre Channel
• HDMP-0552: +3.3 V Quad Port
Bypass Circuit for 2.125/1.0625 GBd
FC-AL applications
• HPFC-5000 Series Tachyon Fibre
Channel Protocol ICs for 2.125/
1.0625 GBd Applications
• HDMP-2630/2631: 2.125/1.0625
Gbps TRx family of SerDes IC


Similar Part No. - HFBR-5921AL

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-5921L HP-HFBR-5921L Datasheet
293Kb / 18P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5921L AVAGO-HFBR-5921L Datasheet
301Kb / 18P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver
More results

Similar Description - HFBR-5921AL

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5921L AVAGO-HFBR-5921L Datasheet
301Kb / 18P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver
logo
Agilent(Hewlett-Packard...
HFBR-5921L HP-HFBR-5921L Datasheet
293Kb / 18P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Factor Pin Through Hole (PTH) Low Voltage (3.3 V) Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5921ALZ AVAGO-AFBR-5921ALZ Datasheet
691Kb / 13P
   Small Form Factor, Pin Through Hole (PTH), Low Voltage (3.3 V) 2x5 RoHS-Compliant Optical Transceiver for Fibre Channel 2.125/1.0625 GBd 850 nm
logo
Agilent(Hewlett-Packard...
HFBR-5720L HP-HFBR-5720L Datasheet
293Kb / 16P
   Fibre Channel 2.125/1.0625 GBd 850 nm Small Form Pluggable Low Voltage (3.3 V) Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-59L1AGEZ AVAGO-HFBR-59L1AGEZ Datasheet
258Kb / 13P
   1.25 GBd Ethernet and 1.0625 GBd Fibre Channel 850 nm SFF Low Voltage (3.3 V) Optical Transceiver
logo
Infineon Technologies A...
V23818-M305-L57 INFINEON-V23818-M305-L57 Datasheet
400Kb / 15P
   Small Form Factor Multimode 850 nm 2.125 and 1.0625 GBd Fibre Channel 2x5 Transceiver with LC??Connector
2002-03-21
logo
Agilent(Hewlett-Packard...
HFBR-59L1AL HP-HFBR-59L1AL Datasheet
328Kb / 16P
   Agilent HFBR-59L1AL 1.25 GBd Ethernet and 1.0625 GBd Fibre Channel 850 nm SFF Low Voltage (3.3 V) Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-57M5APZ AVAGO-AFBR-57M5APZ Datasheet
286Kb / 19P
   850 nm, 2.125/1.0625 and 1.25 GBd Ethernet, Low Voltage (3.3 V), RoHS Compliant, SFP (Small Form Pluggable), Digital Diagnostic Optical Transceiver
logo
JDS Uniphase Corporatio...
JSF-21S0AA1 JDSU-JSF-21S0AA1 Datasheet
1Mb / 23P
   Fibre Channel Small Form Factor PTH Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com