Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1009V33-12VC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1009V33-12VC
Description  128K x 8 Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1009V33-12VC Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY7C1009V33-12VC Datasheet HTML 1Page - Cypress Semiconductor CY7C1009V33-12VC Datasheet HTML 2Page - Cypress Semiconductor CY7C1009V33-12VC Datasheet HTML 3Page - Cypress Semiconductor CY7C1009V33-12VC Datasheet HTML 4Page - Cypress Semiconductor CY7C1009V33-12VC Datasheet HTML 5Page - Cypress Semiconductor CY7C1009V33-12VC Datasheet HTML 6Page - Cypress Semiconductor CY7C1009V33-12VC Datasheet HTML 7Page - Cypress Semiconductor CY7C1009V33-12VC Datasheet HTML 8Page - Cypress Semiconductor CY7C1009V33-12VC Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CY7C1009V33
CY7C109V33
7
Document #: 38–00635–A
Truth Table
CE1
CE2
OE
WE
I/O0–I/O7
Mode
Power
H
X
X
X
High Z
Power-Down
Standby (ISB)
X
L
X
X
High Z
Power-Down
Standby (ISB)
L
H
L
H
Data Out
Read
Active (ICC)
L
H
X
L
Data In
Write
Active (ICC)
L
H
H
H
High Z
Selected, Outputs Disabled
Active (ICC)
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
12
CY7C109V33-12VC
V33
32-Lead (400-Mil) Molded SOJ
Commercial
CY7C1009V33-12VC
V32
32-Lead (300-Mil) Molded SOJ
CY7C1009V33L-12VC
V32
32-Lead (300-Mil) Molded SOJ
CY7C109V33-12ZC
Z32
32-Lead TSOP Type I
15
CY7C109V33–15VC
V33
32-Lead (400-Mil) Molded SOJ
Commercial
CY7C1009V33-15VC
V32
32-Lead (300-Mil) Molded SOJ
CY7C1009V33L-15VC
V32
32-Lead (300-Mil) Molded SOJ
CY7C109V33-15ZC
Z32
32-Lead TSOP Type I
20
CY7C109V33–20VC
V33
32-Lead (400-Mil) Molded SOJ
Commercial
CY7C109V33–20ZC
Z32
32-Lead TSOP Type I
CY7C109V33L–20VC
V33
32-Lead (400-Mil) Molded SOJ
CY7C109V33L–20ZC
Z32
32-Lead TSOP Type I
CY7C1009V33-20VC
V32
32-Lead (300-Mil) Molded SOJ
CY7C1009V33L-20VC
V32
32-Lead (300-Mil) Molded SOJ
25
CY7C109V33–25VC
V33
32-Lead (400-Mil) Molded SOJ
Commercial
CY7C109V33L–25VC
V33
32-Lead (400-Mil) Molded SOJ
CY7C109V33L–25ZC
Z32
32-Lead TSOP Type I
CY7C1009V33L-25VC
V32
32-Lead (300-Mil) Molded SOJ
CY7C1009V33-25VC
V32
32-Lead (300-Mil) Molded SOJ
Shaded areas contain preliminary information.


Similar Part No. - CY7C1009V33-12VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1009 CYPRESS-CY7C1009 Datasheet
220Kb / 12P
   128K x 8 Static RAM
CY7C1009-10VC CYPRESS-CY7C1009-10VC Datasheet
220Kb / 12P
   128K x 8 Static RAM
CY7C1009-12VC CYPRESS-CY7C1009-12VC Datasheet
220Kb / 12P
   128K x 8 Static RAM
CY7C1009-15VC CYPRESS-CY7C1009-15VC Datasheet
220Kb / 12P
   128K x 8 Static RAM
CY7C1009-25VC CYPRESS-CY7C1009-25VC Datasheet
220Kb / 12P
   128K x 8 Static RAM
More results

Similar Description - CY7C1009V33-12VC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62128 CYPRESS-CY62128 Datasheet
250Kb / 8P
   128K x 8 Static RAM
logo
Weida Semiconductor, In...
WCMA1008C1X WEIDA-WCMA1008C1X Datasheet
211Kb / 11P
   128K x 8 Static RAM
WCMA1008U1X WEIDA-WCMA1008U1X Datasheet
237Kb / 12P
   128K x 8 Static RAM
logo
LOGIC Devices Incorpora...
L7C108 LODEV-L7C108 Datasheet
711Kb / 15P
   128K x 8 Static RAM
logo
Cypress Semiconductor
CY7C1018BV33 CYPRESS-CY7C1018BV33 Datasheet
258Kb / 9P
   128K x 8 Static RAM
CY7C1019B CYPRESS-CY7C1019B_06 Datasheet
329Kb / 8P
   128K x 8 Static RAM
CY7C1018V33 CYPRESS-CY7C1018V33 Datasheet
168Kb / 8P
   128K x 8 Static RAM
CY7C1019BV33 CYPRESS-CY7C1019BV33 Datasheet
252Kb / 7P
   128K x 8 Static RAM
logo
Mosel Vitelic, Corp
V62C5181024 MOSEL-V62C5181024 Datasheet
59Kb / 12P
   128K X 8 STATIC RAM
logo
Cypress Semiconductor
CY62128V CYPRESS-CY62128V_01 Datasheet
344Kb / 12P
   128K x 8 Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com