Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCM1803A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1803A
Description  SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1803A Datasheet(HTML) 3 Page - Texas Instruments

  PCM1803A Datasheet HTML 1Page - Texas Instruments PCM1803A Datasheet HTML 2Page - Texas Instruments PCM1803A Datasheet HTML 3Page - Texas Instruments PCM1803A Datasheet HTML 4Page - Texas Instruments PCM1803A Datasheet HTML 5Page - Texas Instruments PCM1803A Datasheet HTML 6Page - Texas Instruments PCM1803A Datasheet HTML 7Page - Texas Instruments PCM1803A Datasheet HTML 8Page - Texas Instruments PCM1803A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
www.ti.com
DEVICE INFORMATION
ABSOLUTE MAXIMUM RATINGS
PCM1803A
SLES142A – JUNE 2005 – REVISED AUGUST 2006
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
AGND
6
Analog GND
BCK
11
I/O
Audio data bit clock input/output(1)
BYPAS
8
I
HPF bypass control. LOW: Normal mode (dc reject); HIGH: Bypass mode (through)(2)
DGND
13
Digital GND
DOUT
12
O
Audio data digital output
FMT0
17
I
Audio data format select input 0. See Data Format section.(2)
FMT1
18
I
Audio data format select input 1. See Data Format section.(2)
LRCK
10
I/O
Audio data latch enable input/output (1)
MODE0
19
I
Mode select input 0. See Data Format section. (2)
MODE1
20
I
Mode select input 1. See Data Format section. (2)
OSR
16
I
Oversampling ratio select input. LOW: ×64 fS, HIGH: ×128 fS (2)
PDWN
7
I
Power-down control, active-low (2)
SCKI
15
I
System clock input: 256 fS, 384 fS, 512 fS, or 768 fS (3)
TEST
9
I
Test, must be connected to DGND (2)
VCC
5
Analog power supply, 5-V
VDD
14
Digital power supply, 3.3-V
VINL
1
I
Analog input, L-channel
VINR
2
I
Analog input, R-channel
VREF1
3
Reference-voltage-1 decoupling capacitor
VREF2
4
Reference-voltage-2 decoupling capacitor
(1)
Schmitt-trigger input
(2)
Schmitt-trigger input with internal pulldown (50 k
Ω, typically), 5-V tolerant
(3)
Schmitt-trigger input, 5-V tolerant
over operating free-air temperature range (unless otherwise noted)(1)
Supply voltage
VCC
–0.3 V to 6.5 V
Supply voltage
VDD
–0.3 V to 4 V
Ground voltage differences
AGND, DGND
±0.1 V
Digital input voltage, VI
LRCK, BCK, DOUT
–0.3 V to (VDD + 0.3 V) < 4 V
Digital input voltage, VI
PDWN, BYPAS, TEST, SCKI, OSR, FMT0,
–0.3 V to 6.5 V
FMT1, MODE0, MODE1
Analog input voltage, VI
VINL, VINR, VREF1, VREF2
–0.3 V to (VCC + 0.3 V) < 6.5 V
Input current, II
Any pins except supplies
±10 mA
Ambient temperature under bias, Tbias
–40°C to 125°C
Storage temperature, Tstg
–55°C to 150°C
Junction temperature, TJ
150°C
Lead temperature (soldering)
260°C, 5 s
Package temperature (IR reflow, peak)
260°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
3
Submit Documentation Feedback


Similar Part No. - PCM1803A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1803A TI-PCM1803A_15 Datasheet
362Kb / 25P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results

Similar Description - PCM1803A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
[Old version datasheet]   SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802 TI-PCM1802 Datasheet
360Kb / 24P
[Old version datasheet]   SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1808-Q1 TI-PCM1808-Q1_15 Datasheet
578Kb / 28P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803 TI-PCM1803 Datasheet
320Kb / 20P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1808 BURR-BROWN-PCM1808 Datasheet
229Kb / 23P
   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1807 BURR-BROWN-PCM1807 Datasheet
426Kb / 29P
   Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo A/D Converter
logo
Texas Instruments
PCM1808-Q1 TI1-PCM1808-Q1 Datasheet
611Kb / 27P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803A TI-PCM1803A_15 Datasheet
362Kb / 25P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1808 TI-PCM1808_15 Datasheet
955Kb / 30P
[Old version datasheet]   PCM1808 Single-Ended, Analog-Input 24-Bit, 96-kHz Stereo ADC
logo
Cirrus Logic
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com