Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4853HETE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4853HETE
Description  3.5 ??7 ?쪸uad SPST Switches with Over-Rail Signal Handling
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4853HETE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4853HETE Datasheet HTML 4Page - Maxim Integrated Products MAX4853HETE Datasheet HTML 5Page - Maxim Integrated Products MAX4853HETE Datasheet HTML 6Page - Maxim Integrated Products MAX4853HETE Datasheet HTML 7Page - Maxim Integrated Products MAX4853HETE Datasheet HTML 8Page - Maxim Integrated Products MAX4853HETE Datasheet HTML 9Page - Maxim Integrated Products MAX4853HETE Datasheet HTML 10Page - Maxim Integrated Products MAX4853HETE Datasheet HTML 11Page - Maxim Integrated Products MAX4853HETE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
3.5
/7Quad SPST Switches with Over-Rail
Signal Handling
8
_______________________________________________________________________________________
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.1
10
100k
1
0.01
3.5
Ω SWITCH
RL = 600
TOTAL HARMONIC DISTORTION
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
0.1
10
100k
1
0.01
7
Ω SWITCH
RL = 600
(MAX4851/MAX4851H) COMPARATOR
THRESHOLD vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
1.02
1.04
1.06
1.08
1.10
1.00
-40
85
VCMPI_ RISING
VCMPI_ FALLING
VCC = 3.0V
COMPARATOR THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
1.625
1.650
1.675
1.700
1.725
1.750
1.600
-40
85
VCMPI_ RISING
VCMPI_ FALLING
VCC = 5.0V
MAX4851/MAX4853
SWITCH PASSING SIGNALS
ABOVE SUPPLY VOLTAGE
MAX4851/3 toc32
VNC
2V/div
0V
VCOM
0V
200
µs/div
VCC = 3.0V
MAX4851H/MAX4853H
SWITCH ENTERING
HIGH-IMPEDANCE STATE
MAX4851/3 toc33
200
µs/div
VNC
2V/div
0V
VCOM
0V
VCC = 3.0V
HI-Z
STATE
HI-Z
STATE
Typical Operating Characteristics (continued)
(VCC = 3.0V, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4853HETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX485 MAXIM-MAX485 Datasheet
439Kb / 19P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 8; 10/03
MAX485 MAXIM-MAX485 Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX485 MAXIM-MAX485 Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
MAX485 MAXIM-MAX485 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
More results

Similar Description - MAX4853HETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4854 MAXIM-MAX4854 Datasheet
782Kb / 11P
   7Ω Quad SPST Switches with Over-Rail Signal Handling
Rev 0; 10/04
MAX4850 MAXIM-MAX4850 Datasheet
636Kb / 16P
   Dual SPDT Analog Switches with Over-Rail Signal Handling
Rev 0; 7/04
MAX4910 MAXIM-MAX4910 Datasheet
676Kb / 13P
   Quad-SPDT, Clickless Audio Switches with Negative Signal Handling
Rev 0; 2/06
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
DG411F MAXIM-DG411F Datasheet
445Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 4/02
MAX4511 MAXIM-MAX4511_V01 Datasheet
538Kb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
MAX4511 MAXIM-MAX4511 Datasheet
310Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 6/98
DG411F MAXIM-DG411F_V01 Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
logo
GREATECS
TP8 GREATECS-TP8 Datasheet
406Kb / 1P
   3.5 x 7 mm SMT Tactile Switches with Ground Terminal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com