Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4851 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4851
Description  3.5 ??7 ?쪸uad SPST Switches with Over-Rail Signal Handling
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4851 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4851 Datasheet HTML 1Page - Maxim Integrated Products MAX4851 Datasheet HTML 2Page - Maxim Integrated Products MAX4851 Datasheet HTML 3Page - Maxim Integrated Products MAX4851 Datasheet HTML 4Page - Maxim Integrated Products MAX4851 Datasheet HTML 5Page - Maxim Integrated Products MAX4851 Datasheet HTML 6Page - Maxim Integrated Products MAX4851 Datasheet HTML 7Page - Maxim Integrated Products MAX4851 Datasheet HTML 8Page - Maxim Integrated Products MAX4851 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
3.5
/7Quad SPST Switches with Over-Rail
Signal Handling
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +2.7V to +5.5V, TA = -40°C to +85°C, unless otherwise noted. Typical values are at VCC = +3.0V, TA = +25°C, unless other-
wise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Off-Isolation (Note 6)
f = 100kHz, VCOM_= 1VRMS, RL = 50
Ω,
CL = 5pF, Figure 4
-80
dB
Crosstalk
f = 1MHz, VCOM_= 1VRMS, RL = 50
Ω,
CL = 5pF, Figure 4
-95
dB
Total Harmonic Distortion
THD
f = 20Hz to 20kHz, VCOM_ = 1V + 2VP-P,
RL = 600
0.04
%
DIGITAL I/O (IN_)
VCC = 2V to 3.6V
1.4
Input Logic High Voltage
VIH
VCC = 3.6V to 5.5V
1.8
V
VCC = 2V to 3.6V
0.5
Input Logic Low Voltage
VIL
VCC = 3.6V to 5.5V
0.8
V
Input Leakage Current
IIN
VIN_ = 0 or 5.5V
-0.5
+0.5
µA
COMPARATOR
Comparator Range
0
5.5
V
Comparator Threshold
VTH
VCC = 2V to 5.5V, falling input
0.3 x
VCC
0.33 x
VCC
0.36 x
VCC
V
Comparator Hysteresis
VCC = 2V to 5.5V
50
mV
Comparator Output High Voltage
ISOURCE = 1mA
VCC -
0.4V
V
Comparator Output Low Voltage
ISINK = 1mA
0.4
V
Rising input, Figure 6
2.5
Comparator Switching Time
Falling input, Figure 6
0.5
µs
Note 2: Specifications are 100% tested at TA = +85°C only, and guaranteed by design and characterization over the specified tem-
perature range.
Note 3: Guaranteed by design and characterization; not production tested.
Note 4:
∆RON = RON(MAX) - RON(MIN).
Note 5: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges.
Note 6: Off-isolation = 20log10 (VCOM_ / VNO_), VCOM_ = output, VNO_ = input to off switch.


Similar Part No. - MAX4851

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX485 MAXIM-MAX485 Datasheet
439Kb / 19P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 8; 10/03
MAX485 MAXIM-MAX485 Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX485 MAXIM-MAX485 Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
MAX485 MAXIM-MAX485 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
More results

Similar Description - MAX4851

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4854 MAXIM-MAX4854 Datasheet
782Kb / 11P
   7Ω Quad SPST Switches with Over-Rail Signal Handling
Rev 0; 10/04
MAX4850 MAXIM-MAX4850 Datasheet
636Kb / 16P
   Dual SPDT Analog Switches with Over-Rail Signal Handling
Rev 0; 7/04
MAX4910 MAXIM-MAX4910 Datasheet
676Kb / 13P
   Quad-SPDT, Clickless Audio Switches with Negative Signal Handling
Rev 0; 2/06
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX312FESE MAXIM-MAX312FESE Datasheet
338Kb / 15P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 1/03
DG411F MAXIM-DG411F Datasheet
445Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 4/02
MAX4511 MAXIM-MAX4511_V01 Datasheet
538Kb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2002
MAX4511 MAXIM-MAX4511 Datasheet
310Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 6/98
DG411F MAXIM-DG411F_V01 Datasheet
1Mb / 17P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
2021
logo
GREATECS
TP8 GREATECS-TP8 Datasheet
406Kb / 1P
   3.5 x 7 mm SMT Tactile Switches with Ground Terminal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com