Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SFR165 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. SFR165
Description  Standard metal film resistors
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

SFR165 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2002 Dec 02
6
BCcomponents
Product specification
Standard metal film resistors
SFR16S/25/25H
Fig.4
Pulse on a regular basis; maximum permissible peak pulse power ( max) as
a function of pulse duration (ti).
P
ˆ
SFR25
10 5
10 4
10 3
10 2
10 1
1
MLB389
10
3
1
10
10 2
Pmax
(W)
t i (s)
10 6
10 1
2
5
10
20
50
100
200
500
p
i
t /t = 1000
Fig.5
Pulse on a regular basis; maximum permissible peak pulse voltage ( max) as
a function of pulse duration (ti).
V
ˆ
SFR25
MEA678
600
0
10 6
10 5
10 4
10 3
10 2
10 1
1
500
400
300
200
100
Vmax
(V)
t i (s)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SFR16SStandard metal film resistors 1 2 3 4 5 MoreList of Unclassifed Manufacturers
PMA0207Metal Film Resistors Precision High Stability 1 2 3 4 Vishay Siliconix
5043ED4K640FStandard Metal Film resistor 1 2 3 4 5 MoreNXP Semiconductors
CFA0207Carbon Film Resistors Standard 1 2 Vishay Siliconix
5063JD0.25 to 0.40 W; 1% and 5% Metal film resistors 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CCF50Metal Film Resistors Industrial 1% 5% Tolerance 1 2 Vishay Siliconix
CCF55Metal Film Resistors Industrial 1% Tolerance 1 2 Vishay Siliconix
RCMMMolded Metal Film Resistors 1 2 Vishay Siliconix
SMM0102Metal Film Cylindrical Resistors 1 2 Vishay Siliconix
RR0306high-precision metal film chip resistors 1 List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn