Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4ZH70UD Datasheet(PDF) 7 Page - International Rectifier

Part # IRG4ZH70UD
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4ZH70UD Datasheet(HTML) 7 Page - International Rectifier

Back Button IRG4ZH70UD Datasheet HTML 2Page - International Rectifier IRG4ZH70UD Datasheet HTML 3Page - International Rectifier IRG4ZH70UD Datasheet HTML 4Page - International Rectifier IRG4ZH70UD Datasheet HTML 5Page - International Rectifier IRG4ZH70UD Datasheet HTML 6Page - International Rectifier IRG4ZH70UD Datasheet HTML 7Page - International Rectifier IRG4ZH70UD Datasheet HTML 8Page - International Rectifier IRG4ZH70UD Datasheet HTML 9Page - International Rectifier IRG4ZH70UD Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRG4ZH70UD
7
www.irf.com
Fig. 16 - Typical Stored Charge vs. dif/dt
Fig. 17 - Typical di(rec)M/dt vs. dif/dt
Fig. 15 - Typical Recovery Current vs. dif/dt
1
10
100
100
1000
f
d i /d t - (A /µ s )
I
= 84A
I
= 42A
I
= 21A
F
F
F
V = 200 V
T = 12 5 °C
T = 25 °C
R
J
J
0
1000
2000
3000
4000
5000
100
1000
f
di /dt - (A/µ s)
I
= 84A
I
= 42A
I
= 21A
F
F
F
V = 2 00V
T = 12 5°C
T = 25 °C
R
J
J
100
1000
10000
100
1000
f
di /dt - (A/µ s)
I
= 84A
I
= 42A
I
= 21A
F
F
F
V = 2 00V
T = 125°C
T = 25°C
R
J
J
Fig. 14 - Typical Reverse Recovery vs. dif/dt
0
100
200
300
100
1000
f
d i /d t - (A/µ s)
I
= 84A
I
= 42A
I
= 21A
F
F
F
V = 200 V
T = 12 5°C
T = 25 °C
R
J
J


Similar Part No. - IRG4ZH70UD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4ZH71KD IRF-IRG4ZH71KD Datasheet
245Kb / 10P
   Surface Mountable Short Circuit Rated UltraFast IGBT (INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE)
More results

Similar Description - IRG4ZH70UD

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com