Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT16240ADL Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVT16240ADL
Description  3.3V LVT 16-bit inverting buffer/driver 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT16240ADL Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVT16240ADL Datasheet HTML 2Page - NXP Semiconductors 74LVT16240ADL Datasheet HTML 3Page - NXP Semiconductors 74LVT16240ADL Datasheet HTML 4Page - NXP Semiconductors 74LVT16240ADL Datasheet HTML 5Page - NXP Semiconductors 74LVT16240ADL Datasheet HTML 6Page - NXP Semiconductors 74LVT16240ADL Datasheet HTML 7Page - NXP Semiconductors 74LVT16240ADL Datasheet HTML 8Page - NXP Semiconductors 74LVT16240ADL Datasheet HTML 9Page - NXP Semiconductors 74LVT16240ADL Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Philips Semiconductors
Product specification
74LVT16240A
3.3V LVT 16-bit inverting buffer/driver (3-State)
yyyy mmm dd
10
Definitions
Short-form specification — The data in a short-form specification is extracted from a full data sheet with the same type number and title. For
detailed information see the relevant data sheet or data handbook.
Limiting values definition — Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one
or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or
at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended
periods may affect device reliability.
Application information — Applications that are described herein for any of these products are for illustrative purposes only. Philips
Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or
modification.
Disclaimers
Life support — These products are not designed for use in life support appliances, devices or systems where malfunction of these products can
reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications
do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application.
Right to make changes — Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard
cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no
responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these
products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless
otherwise specified.
Philips Semiconductors
811 East Arques Avenue
P.O. Box 3409
Sunnyvale, California 94088–3409
Telephone 800-234-7381
© Copyright Philips Electronics North America Corporation 1998
All rights reserved. Printed in U.S.A.
print code
Date of release: 05-96
Document order number:
9397-750-03547
Philips
Semiconductors
Data sheet
status
Objective
specification
Preliminary
specification
Product
specification
Product
status
Development
Qualification
Production
Definition [1]
This data sheet contains the design target or goal specifications for product development.
Specification may change in any manner without notice.
This data sheet contains preliminary data, and supplementary data will be published at a later date.
Philips Semiconductors reserves the right to make chages at any time without notice in order to
improve design and supply the best possible product.
This data sheet contains final specifications. Philips Semiconductors reserves the right to make
changes at any time without notice in order to improve design and supply the best possible product.
Data sheet status
[1]
Please consult the most recently issued datasheet before initiating or completing a design.


Similar Part No. - 74LVT16240ADL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT16240ADGG NEXPERIA-74LVT16240ADGG Datasheet
208Kb / 12P
   3.3 V 16-bit inverting buffer/driver; 3-state
Rev. 4 - 1 October 2018
More results

Similar Description - 74LVT16240ADL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT16244B PHILIPS-74LVT16244B Datasheet
80Kb / 10P
   3.3V LVT 16-bit buffer/driver 3-State
1998 Oct 07
74LVT162240A PHILIPS-74LVT162240A Datasheet
70Kb / 10P
   3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
74ALVT16240 PHILIPS-74ALVT16240 Datasheet
95Kb / 16P
   16-bit inverting buffer/driver; 3-state
Rev. 03-4 July 2005
74ABT16240A PHILIPS-74ABT16240A Datasheet
76Kb / 10P
   16-bit inverting buffer/driver 3-State
1998 Feb 25
MB2240 PHILIPS-MB2240 Datasheet
58Kb / 8P
   16-bit inverting buffer/line driver 3-State
August 23, 1993
74LVC16240A PHILIPS-74LVC16240A Datasheet
78Kb / 10P
   16-bit buffer/line driver; inverting 3-State
1997 Jul 29
74ABT16240A NXP-74ABT16240A Datasheet
90Kb / 14P
   16-bit inverting buffer/line driver; 3-state
Rev. 04-25 March 2009
logo
Nexperia B.V. All right...
74ABT16240A NEXPERIA-74ABT16240A Datasheet
211Kb / 11P
   16-bit inverting buffer/line driver; 3-state
Rev. 7 - 7 July 2021
logo
NXP Semiconductors
74LVT16543A PHILIPS-74LVT16543A Datasheet
93Kb / 12P
   3.3V LVT 16-bit registered transceiver 3-State
1998 Feb 19
logo
Potato Semiconductor Co...
PO74G16240A POTATO-PO74G16240A_14 Datasheet
1Mb / 5P
   16-Bit Inverting Buffer/ Driver with 3-State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com