Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD3V3L1BA Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PESD3V3L1BA
Description  Low capacitance bidirectional ESD protection diodes in
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESD3V3L1BA Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PESD3V3L1BA Datasheet HTML 6Page - NXP Semiconductors PESD3V3L1BA Datasheet HTML 7Page - NXP Semiconductors PESD3V3L1BA Datasheet HTML 8Page - NXP Semiconductors PESD3V3L1BA Datasheet HTML 9Page - NXP Semiconductors PESD3V3L1BA Datasheet HTML 10Page - NXP Semiconductors PESD3V3L1BA Datasheet HTML 11Page - NXP Semiconductors PESD3V3L1BA Datasheet HTML 12Page - NXP Semiconductors PESD3V3L1BA Datasheet HTML 13Page - NXP Semiconductors PESD3V3L1BA Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
9397 750 13595
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 — 4 October 2004
10 of 15
Philips Semiconductors
PESDxL1BA series
Low capacitance bidirectional ESD protection diodes in SOD323
7.
Application information
The PESDxL1BA series is designed for bidirectional protection of one signal line from the
damage caused by Electro Static Discharge (ESD) and surge pulses. The PESDxL1BA
series may be used on lines where the signal polarity is above and below ground. The
PESDxL1BA series provides a surge capability of up to 500 W per line for a 8/20
µs
waveform.
Circuit board layout and protection device placement
Circuit board layout is critical for the suppression of ESD, Electrical Fast Transient (EFT)
and surge transients. The following guidelines are recommended:
1. Place the protection device as close to the input terminal or connector as possible.
2. The path length between the protection device and the protected line should be
minimized.
3. Keep parallel signal paths to a minimum.
4. Avoid running protected conductors in parallel with unprotected conductor.
5. Minimize all printed-circuit board conductive loops including power and ground loops.
6. Minimize the length of the transient return path to ground.
7. Avoid using shared transient return paths to a common ground point.
8. Ground planes should be used whenever possible. For multilayer printed-circuit
boards, use ground vias.
Fig 9.
Typical application: Bidirectional protection of one signal line.
006aaa071
ground
PESDxL1BA
line to be protected


Similar Part No. - PESD3V3L1BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD3V3L1BA NXP-PESD3V3L1BA Datasheet
190Kb / 15P
   Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
PESD3V3L1BA NXP-PESD3V3L1BA Datasheet
190Kb / 15P
   Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
logo
TECH PUBLIC Electronics...
PESD3V3L1BA TECHPUBLIC-PESD3V3L1BA Datasheet
2Mb / 4P
   1-Line Bi-directional Diode
logo
Nexperia B.V. All right...
PESD3V3L1BA NEXPERIA-PESD3V3L1BA Datasheet
233Kb / 11P
   Low capacitance bidirectional ESD protection diode
11 April 2023
logo
Guangdong Youtai Semico...
PESD3V3L1BA UMW-PESD3V3L1BA Datasheet
401Kb / 4P
   480W peak pulse power (tp =8/20μs)
More results

Similar Description - PESD3V3L1BA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESDXL1BA NXP-PESDXL1BA Datasheet
190Kb / 15P
   Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
PESD15VL1BA115 NXP-PESD15VL1BA115 Datasheet
190Kb / 15P
   Low capacitance bidirectional ESD protection diodes in SOD323
Rev. 02-20 August 2009
logo
Nexperia B.V. All right...
PESD5V0S1BA NEXPERIA-PESD5V0S1BA_V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
logo
NXP Semiconductors
PESD5V0S1B NXP-PESD5V0S1B Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
PESD5V0S1BL PHILIPS-PESD5V0S1BL Datasheet
84Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 03-17 December 2004
PESD5V0S1BA NXP-PESD5V0S1BA Datasheet
95Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04-20 August 2009
logo
Vishay Siliconix
GCDA15C-1 VISHAY-GCDA15C-1 Datasheet
72Kb / 4P
   Low Capacitance Bidirectional ESD Protection Diodes
Rev. 1.1, 19-Oct-04
logo
Nexperia B.V. All right...
PESD5V0S1BA-V01 NEXPERIA-PESD5V0S1BA-V01 Datasheet
639Kb / 15P
   Low capacitance bidirectional ESD protection diodes
Rev. 04 - 20 August 2009
logo
NXP Semiconductors
PESDXL2BT PHILIPS-PESDXL2BT Datasheet
179Kb / 14P
   Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 01-1 November 2005
logo
Nexperia B.V. All right...
PESDXL2BT_SER NEXPERIA-PESDXL2BT_SER Datasheet
748Kb / 14P
   Low capacitance double bidirectional ESD protection diodes in SOT23
Rev. 02 - 25 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com