Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVT162374 Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. 74LVT162374
Description  3.3V LVT 16-bit edge-triggered D-type flip-flop with 30 ohm termination resistors 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT162374 Datasheet(HTML) 1 Page - NXP Semiconductors

  74LVT162374 Datasheet HTML 1Page - NXP Semiconductors 74LVT162374 Datasheet HTML 2Page - NXP Semiconductors 74LVT162374 Datasheet HTML 3Page - NXP Semiconductors 74LVT162374 Datasheet HTML 4Page - NXP Semiconductors 74LVT162374 Datasheet HTML 5Page - NXP Semiconductors 74LVT162374 Datasheet HTML 6Page - NXP Semiconductors 74LVT162374 Datasheet HTML 7Page - NXP Semiconductors 74LVT162374 Datasheet HTML 8Page - NXP Semiconductors 74LVT162374 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
General description
The 74LVT162374 is a high performance BiCMOS product designed for VCC operation at
3.3 V.
The 74LVT162374 is designed with 30
Ω series resistance in both the HIGH and LOW
states of the output. This design reduces line noise in applications such as memory
address drivers, clock drivers, and bus receivers/transmitters.
This device is a 16-bit edge-triggered D-type flip-flop featuring non-inverting 3-state
outputs. The device can be used as two 8-bit flip-flops or one 16-bit flip-flop. On the
positive transition of the clock (CP), the Q outputs of the flip-flop take on the logic levels
set up at the D inputs.
2.
Features
s 16-bit edge-triggered flip-flop
s 3-state buffers
s Output capability: +12 mA and
−12 mA
s TTL input and output switching levels
s Input and output interface capability to systems at 5 V supply
s Bus-hold data inputs eliminate the need for external pull-up resistors to hold unused
inputs
s Live insertion and extraction permitted
s Outputs include series resistance of 30
Ω making external resistors unnecessary
s Power-up reset
s Power-up 3-state
s No bus current loading when output is tied to 5 V bus
s Latch-up protection exceeds 500 mA per JESD78
s ESD protection:
x MIL STD 883 method 3015: exceeds 2000 V
x Machine model: exceeds 200 V
74LVT162374
3.3 V 16-bit edge-triggered D-type flip-flop with 30
termination resistors; 3-state
Rev. 03 — 17 January 2005
Product data sheet


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn