Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT162374 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVT162374
Description  3.3V LVT 16-bit edge-triggered D-type flip-flop with 30 ohm termination resistors 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT162374 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVT162374 Datasheet HTML 4Page - NXP Semiconductors 74LVT162374 Datasheet HTML 5Page - NXP Semiconductors 74LVT162374 Datasheet HTML 6Page - NXP Semiconductors 74LVT162374 Datasheet HTML 7Page - NXP Semiconductors 74LVT162374 Datasheet HTML 8Page - NXP Semiconductors 74LVT162374 Datasheet HTML 9Page - NXP Semiconductors 74LVT162374 Datasheet HTML 10Page - NXP Semiconductors 74LVT162374 Datasheet HTML 11Page - NXP Semiconductors 74LVT162374 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9397 750 14401
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 17 January 2005
9 of 17
Philips Semiconductors
74LVT162374
3.3 V 16-bit edge-triggered D-type flip-flop
[1]
All typical values are at VCC = 3.3 V and Tamb = 25 °C.
[1]
All typical values are at VCC = 3.3 V and Tamb = 25 °C.
tPHL
propagation delay
nCP to nQn
see Figure 6
VCC = 3.3 V ± 0.3 V
1.5
3.0
4.9
ns
VCC = 2.7 V
-
-
5.1
ns
tPZH
output enable time to
HIGH-level
see Figure 7
VCC = 3.3 V ± 0.3 V
1.5
3.5
5.6
ns
VCC = 2.7 V
-
-
6.9
ns
tPZL
output enable time to
LOW-level
see Figure 8
VCC = 3.3 V ± 0.3 V
1.5
3.2
4.9
ns
VCC = 2.7 V
-
-
6.0
ns
tPHZ
output disable time from
HIGH-level
see Figure 7
VCC = 3.3 V ± 0.3 V
1.5
3.5
5.4
ns
VCC = 2.7 V
-
-
5.7
ns
tPLZ
output disable time from
LOW-level
see Figure 8
VCC = 3.3 V ± 0.3 V
1.5
3.2
5.0
ns
VCC = 2.7 V
-
-
5.1
ns
Table 8:
Dynamic characteristics …continued
GND = 0 V; tr = tf = 2.5 ns; CL = 50 pF; RL = 500 Ω; for test circuit see Figure 10.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 9:
Dynamic characteristics set-up requirements
GND = 0 V; tr = tf = 2.5 ns; CL = 50 pF; RL = 500 Ω.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C [1]
tsu(H), tsu(L) set-up time nDn to nCP
see Figure 9
VCC = 3.3 V ± 0.3 V
2.0
0.7
-
ns
VCC = 2.7 V
2.0
-
-
ns
th(H), th(L)
hold time nDn to nCP
see Figure 9
VCC = 3.3 V ± 0.3 V
0.8
0
-
ns
VCC = 2.7 V
0.1
-
-
ns
tW(H)
nCP pulse width HIGH
see Figure 6
VCC = 3.3 V ± 0.3 V
1.5
0.6
-
ns
VCC = 2.7 V
1.5
-
-
ns
tW(L)
nCP pulse width LOW
see Figure 6
VCC = 3.3 V ± 0.3 V
3.0
1.6
-
ns
VCC = 2.7 V
3.0
-
-
ns


Similar Part No. - 74LVT162374

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT162374 PHILIPS-74LVT162374 Datasheet
91Kb / 17P
   3.3 V 16-bit edge-triggered D-type flip-flop with 30 OHM termination resistors; 3-state
Rev. 03-17 January 2005
logo
Nexperia B.V. All right...
74LVT162374 NEXPERIA-74LVT162374 Datasheet
214Kb / 12P
   3.3 V 16-bit edge-triggered D-type flip-flop with 30 Ω termination resistors; 3-state
Rev. 4 - 1 October 2018
logo
NXP Semiconductors
74LVT162374DGG PHILIPS-74LVT162374DGG Datasheet
91Kb / 17P
   3.3 V 16-bit edge-triggered D-type flip-flop with 30 OHM termination resistors; 3-state
Rev. 03-17 January 2005
logo
Nexperia B.V. All right...
74LVT162374DGG NEXPERIA-74LVT162374DGG Datasheet
214Kb / 12P
   3.3 V 16-bit edge-triggered D-type flip-flop with 30 Ω termination resistors; 3-state
Rev. 4 - 1 October 2018
logo
NXP Semiconductors
74LVT162374DL PHILIPS-74LVT162374DL Datasheet
91Kb / 17P
   3.3 V 16-bit edge-triggered D-type flip-flop with 30 OHM termination resistors; 3-state
Rev. 03-17 January 2005
More results

Similar Description - 74LVT162374

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT16374A PHILIPS-74LVT16374A Datasheet
86Kb / 10P
   3.3V LVT 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
74LVT162374 PHILIPS-74LVT162374 Datasheet
91Kb / 17P
   3.3 V 16-bit edge-triggered D-type flip-flop with 30 OHM termination resistors; 3-state
Rev. 03-17 January 2005
logo
Nexperia B.V. All right...
74LVT162374 NEXPERIA-74LVT162374 Datasheet
214Kb / 12P
   3.3 V 16-bit edge-triggered D-type flip-flop with 30 Ω termination resistors; 3-state
Rev. 4 - 1 October 2018
logo
NXP Semiconductors
74ALVCH16374 PHILIPS-74ALVCH16374 Datasheet
96Kb / 12P
   2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1998 Jun 18
74ALVT16374 PHILIPS-74ALVT16374 Datasheet
99Kb / 12P
   2.5V/3.3V 16-bit edge-triggered D-type flip-flop 3-State
1999 Oct 18
74LVT162373 PHILIPS-74LVT162373 Datasheet
121Kb / 12P
   3.3 V LVT 16-bit transparent D-type latch with 30 ohm termination resistors 3-State
1999 Sep 23
74LVT162245B PHILIPS-74LVT162245B Datasheet
80Kb / 10P
   3.3V LVT 16-bit transceiver with 30ohm termination resistors 3-State
1998 Feb 19
74LVC162374A PHILIPS-74LVC162374A Datasheet
86Kb / 16P
   16-bit edge triggered D-type flip-flop with 30 ohmseries termination resistors; 5 V input/output tolerant; 3-state
1999 Aug 05
logo
Texas Instruments
SN74ALVCH162374 TI-SN74ALVCH162374_04 Datasheet
318Kb / 13P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com