Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVT162374 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. 74LVT162374
Description  3.3V LVT 16-bit edge-triggered D-type flip-flop with 30 ohm termination resistors 3-State
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT162374 Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVT162374 Datasheet HTML 1Page - NXP Semiconductors 74LVT162374 Datasheet HTML 2Page - NXP Semiconductors 74LVT162374 Datasheet HTML 3Page - NXP Semiconductors 74LVT162374 Datasheet HTML 4Page - NXP Semiconductors 74LVT162374 Datasheet HTML 5Page - NXP Semiconductors 74LVT162374 Datasheet HTML 6Page - NXP Semiconductors 74LVT162374 Datasheet HTML 7Page - NXP Semiconductors 74LVT162374 Datasheet HTML 8Page - NXP Semiconductors 74LVT162374 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
9397 750 14401
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 17 January 2005
5 of 17
Philips Semiconductors
74LVT162374
3.3 V 16-bit edge-triggered D-type flip-flop
6.2 Pin description
Table 3:
Pin description
Symbol
Pin
Description
1OE
1
output enable input (active LOW)
1Q0
2
data output
1Q1
3
data output
GND
4
ground (0 V)
1Q2
5
data output
1Q3
6
data output
VCC
7
supply voltage
1Q4
8
data output
1Q5
9
data output
GND
10
ground (0 V)
1Q6
11
data output
1Q7
12
data output
2Q0
13
data output
2Q1
14
data output
GND
15
ground (0 V)
2Q2
16
data output
2Q3
17
data output
VCC
18
supply voltage
2Q4
19
data output
2Q5
20
data output
GND
21
ground (0 V)
2Q6
22
data output
2Q7
23
data output
2OE
24
output enable input (active LOW)
2CP
25
clock pulse input (active rising edge)
2D7
26
data input
2D6
27
data input
GND
28
ground (0 V)
2D5
29
data input
2D4
30
data input
VCC
31
supply voltage
2D3
32
data input
2D2
33
data input
GND
34
ground (0 V)
2D1
35
data input
2D0
36
data input
1D7
37
data input
1D6
38
data input
GND
39
ground (0 V)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn