Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HX2-9V Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # HX2-9V
Description  Compact & Slim 2 Form C Non-polarized Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

HX2-9V Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  HX2-9V Datasheet HTML 1Page - Nais(Matsushita Electric Works) HX2-9V Datasheet HTML 2Page - Nais(Matsushita Electric Works) HX2-9V Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
HX
185
6. Operate/release time characteristics
Tested sample: HX2-12V, 10 pcs.
7. Distribution of pick-up and drop-out voltage
Tested sample: HX2-12V, 50 pcs.
8. Ambient temperature characteristics
Tested sample: HX2-12V, 5 pcs.
Set time
Reset time
Min.
Min.
0
1
2
3
4
5
6
80
90
100
110
120
Coil applied voltage, %V
Max.
Max.
Drop-out voltage
Pick-up voltage
0
5
10
15
20
25
30
35
10 20 30 40 50 60 70 80 90 100
Ratio against the rated voltage, %V
Pick-up voltage
Drop-out
voltage
Ambient temperature,
°C
0
–20
–40
–10
–20
–30
–40
–10
–20
–30
–40
40
20
60
80
9. Distribution of contact resistance
Tested sample: HX2-12V, 25 pcs. (25
× 4 contacts)
10.-(1) High frequency characteristics
Isolation characteristics
10.-(2) High frequency characteristics
Insertion loss characteristics
Contact resistance, m
0
10
20
30
40
50
20
30
40
50
100
10
100
1,000
Frequency, MHZ
10
100
1,000
Frequency, MHZ
0
0.1
0.2
0.3
0.4
0.5
NOTES
1. Coil operating power
Pure DC current should be applied to the
coil.The wave form should be rectangular.
If it includes ripple, the ripple factor should
be less than 5%.
However, check it with the actual circuit
since the characteristics may be slightly
different. The nominal operating voltage
should be applied to the coil for more than
10 ms to set/reset the latching type relay.
2. Cleaning
In automatic cleaning, cleaning with the
boiling method is recommended. Avoid ul-
trasonic cleaning which subject the relay
to high frequency vibrations. It may cause
the contacts to stick.
lt is recommended that a fluorinated hy-
drocarbon or other alcoholic solvent be
used.
3. Packing style
• Packing direction
The relay is packed in a tube with the relay
orientation mark on the left side, as shown
in the figure below.
Take note of the relay orientation when
mounting relays on the printed circuit
board.
The temperature range is –40 to +70
°C
–40 to +158
°F
4. Automatic insertion
To maintain the internal function of the re-
lay, the chucking pressurre should not ex-
ceed the values below.
Chucking pressure in direction A:
9.8 N {1 kgf} or less
Chucking pressure in direction B:
9.8 N {1 kgf} or less
Chucking pressure in direction C:
4.9 N {500 gf} or less
Please chuck the
portion.
Avoid chucking the center of the relay.
Orientation (indicates PIN No. 1) stripe
Stopper
(gray)
Stopper
(green)
A
C
B
For Cautions for Use, see Relay Technical Information (Page 48 to 76).
9/1/2000
All Rights Reserved, © Copyright Matsushita Electric Works, Ltd.
Go To Online Catalog


Similar Part No. - HX2-9V

ManufacturerPart #DatasheetDescription
logo
LEM
HX20-P LEM-HX20-P Datasheet
62Kb / 2P
   Current Transducer HX 03~50-P
HX20-P LEM-HX20-P Datasheet
660Kb / 2P
   Current Transducer
HX20-P LEM-HX20-P Datasheet
660Kb / 2P
   Current Transducer
HX20-P LEM-HX20-P Datasheet
432Kb / 3P
   Current Transducer
HX20-P/SP2 LEM-HX20-P/SP2 Datasheet
62Kb / 2P
   Current Transducer HX 03~50-P/SP2
More results

Similar Description - HX2-9V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
TN2-3V NAIS-TN2-3V Datasheet
78Kb / 4P
   SLIM POLARIZED RELAY
TN2-12 NAIS-TN2-12 Datasheet
76Kb / 4P
   SLIM POLARIZED RELAY
ALA2F12 NAIS-ALA2F12 Datasheet
60Kb / 3P
   2 Form A slim power relay
logo
Tyco Electronics
PCI MACOM-PCI Datasheet
188Kb / 2P
   Slim 2 Form A Miniature PC Board Relay
logo
Panasonic Battery Group
HY PANASONICBATTERY-HY Datasheet
84Kb / 4P
   Non-polarized 1 Form C relay that realizes nominal operating power of 150 mW
logo
Panasonic Semiconductor
HY1-3V PANASONIC-HY1-3V Datasheet
79Kb / 4P
   Non-polarized 1 Form C relay that realizes nominal operating power of 150 mW
logo
Nais(Matsushita Electri...
TQ2-3V NAIS-TQ2-3V Datasheet
151Kb / 7P
   LOW PROFILE 2 FORM C RELAY
AGN20003 NAIS-AGN20003 Datasheet
103Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
logo
Panasonic Semiconductor
SFS6-PS PANASONIC-SFS6-PS Datasheet
2Mb / 9P
   Slim compact safety relay
logo
Panasonic Battery Group
LF-G PANASONICBATTERY-LF-G Datasheet
157Kb / 1P
   Non-Polarized Power Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com