Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HP2-M-DC110V Datasheet(PDF) 10 Page - Nais(Matsushita Electric Works)

Part # HP2-M-DC110V
Description  10 AMP POWER RELAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

HP2-M-DC110V Datasheet(HTML) 10 Page - Nais(Matsushita Electric Works)

Back Button HP2-M-DC110V Datasheet HTML 3Page - Nais(Matsushita Electric Works) HP2-M-DC110V Datasheet HTML 4Page - Nais(Matsushita Electric Works) HP2-M-DC110V Datasheet HTML 5Page - Nais(Matsushita Electric Works) HP2-M-DC110V Datasheet HTML 6Page - Nais(Matsushita Electric Works) HP2-M-DC110V Datasheet HTML 7Page - Nais(Matsushita Electric Works) HP2-M-DC110V Datasheet HTML 8Page - Nais(Matsushita Electric Works) HP2-M-DC110V Datasheet HTML 9Page - Nais(Matsushita Electric Works) HP2-M-DC110V Datasheet HTML 10Page - Nais(Matsushita Electric Works) HP2-M-DC110V Datasheet HTML 11Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
HP
420
HP4-SRS (with hold-down clip)
Optimum space-saving panel cut-out.
Can be mounted from either the front or
the rear of the panel.
5
.197
5
.197
56
2.205
22
.866
4.1
.161
6.2
.244
58
2.283
38
1.496
33
1.299
5.5
.217
13
.512
1.0 .039
6 .236
48
±0.2
1.890
±.008
Front surface-mounting
Rear surface-mounting
48
±0.5
1.890
±.020
4.2
±0.1 DIA. HOLE or
4 mm SCREW HOLE
.165
±.004 DIA. HOLE
34 +1
–0
1.339
+.039
–0
48 +1
–0
+.039
–0
48
±0.5
1.890
±.020
4.2
±0.1 DIA. HOLE or
4 mm SCREW HOLE
.165
±.004 DIA. HOLE
39 +1
–0
1.535
+.039
–0
58 +1
–0
2.284+.039
–0
53
±3
2.087
±.118
13 .512
HOLD-DOWN CLIP
HP RELAY
HP SOCKET
SPRING WASHER
PANEL
4 mm SCREW
52
±3
2.047
±.118
14
.551
HOLD-DOWN CLIP
HP RELAY
HP SOCKET
SPRING WASHER
PANEL
4 mm SCREW
mm inch
HP4-SFD (with hold-down clip)
Front wiring in restricted space.
Two HP2 relays can be mounted in one socket.
80±1
3.150±.039
35.4±0.5
1.394±.020
23.8±0.6
.937±.024
Installation screw
block
(installation screw,
hexagonal nut,
spring washer)
Max. 85 3.346
Max. 89 3.504
10±0.6
.394±.024
33.8±0.6
1.331±.024
37.9±0.6
1.492±.024
HOLD DOWN CLIP
HP4 RELAY
58±1
2.283±.039
36±1
1.417±.039
69±1
2.717±.039
6±0.3
.236±.012
53±0.6
2.087±.024
15±0.2
.591±.008
15±0.2
.591±.008
4.1±0.3
.161±.012
25±0.1
.984±.004
5.8±0.2
.228±.008
10±0.2
.394±.008
10±0.2
.394±.008
7.5±0.2
.295±.008
9.5±0.2
.374±.008
0.6±0.15
.024±.006
Mounting dimensions
12
.472
53±0.2
2.087±.008
53±0.2
2.087±.008
2-M4 .157 SCREW HOLE or
4.2±0.1 .165±.004 DIA. HOLE
Panel hole dimensions
for side-by-side installation
61
2.402
61
2.402
4 .157
69±0.5
2.717±.020
80
3.150
Note: Hold down clip and installation screw block are
included in package.
ACCESSORIES for HP2 and HP4 types
HP Bracket (with 2 screws, 2 washers)
The HP Bracket is used for mounting HP2
relays and HP4 relays directly to the pan-
el. It facilitates soldering or quick connec-
tions with Faston 205 tab 0.8 mm .031
inch.
Notes:
1. This bracket is unavailable for UL, CSA
and VDE applications.
2. When using the special bracket, it is
recommended to use the screws and
washers called out in the chart in the next
page in order to eliminate any possible
damage to the relay coil.
Mounting methods
(a) Remove the M3
× 7 screw (red col-
ored) fixed to the relay, and place the
bracket on the relay with the attaching M3
× 7 screw (blue colored) and the spring
washer.
(b) Use the additional M3
× 7 screw and
washer for attaching the bracket to the
panel.
For the HP4 type relay
two brackets are used
Keying tab.
8
.315
14
.551
4
.158
23
.906
20
.787
8.5
.335
1
.039
14
.551
90
°±3°
2 .079
3.5 DIA. HOLE
.138 DIA. HOLE
3 DIA. HOLE
.118 DIA. HOLE
Dimension :
General tolerance
Max. 2mm .079 inch:
±0.2 ±.008
2 to 9mm .079 to .354 inch:
±0.5 ±.020
9 to 20mm .354 to .787 inch:
±1.0 ±.039
Min. 20mm .787 inch:
±1.5 ±.059
Dimension :
General tolerance
Max. 2mm .079 inch:
±0.2 ±.008
2 to 9mm .079 to .354 inch:
±0.5 ±.020
9 to 20mm .354 to .787 inch:
±1.0 ±.039
Min. 20mm .787 inch:
±1.5 ±.059


Similar Part No. - HP2-M-DC110V

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
HP2-0066L COILCRAFT-HP2-0066L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
HP2-0066L COILCRAFT-HP2-0066L Datasheet
609Kb / 10P
   Hexa-Path Magnetics
HP2-0083L COILCRAFT-HP2-0083L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
HP2-0083L COILCRAFT-HP2-0083L Datasheet
609Kb / 10P
   Hexa-Path Magnetics
HP2-0116L COILCRAFT-HP2-0116L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
More results

Similar Description - HP2-M-DC110V

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ940 ZETTLER-AZ940_14 Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
AZ697 ZETTLER-AZ697 Datasheet
56Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ6961 AZETTLER-AZ6961 Datasheet
87Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ692 AZETTLER-AZ692 Datasheet
156Kb / 4P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6963 ZETTLER-AZ6963 Datasheet
56Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ9405 ZETTLER-AZ9405 Datasheet
509Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ696 ETC-AZ696 Datasheet
57Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ697 ETC1-AZ697 Datasheet
53Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ692 ETC1-AZ692 Datasheet
20Kb / 1P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6962 ZETTLER-AZ6962 Datasheet
55Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com