Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HP2-M-DC48V Datasheet(PDF) 1 Page - Nais(Matsushita Electric Works)

Part # HP2-M-DC48V
Description  10 AMP POWER RELAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

HP2-M-DC48V Datasheet(HTML) 1 Page - Nais(Matsushita Electric Works)

  HP2-M-DC48V Datasheet HTML 1Page - Nais(Matsushita Electric Works) HP2-M-DC48V Datasheet HTML 2Page - Nais(Matsushita Electric Works) HP2-M-DC48V Datasheet HTML 3Page - Nais(Matsushita Electric Works) HP2-M-DC48V Datasheet HTML 4Page - Nais(Matsushita Electric Works) HP2-M-DC48V Datasheet HTML 5Page - Nais(Matsushita Electric Works) HP2-M-DC48V Datasheet HTML 6Page - Nais(Matsushita Electric Works) HP2-M-DC48V Datasheet HTML 7Page - Nais(Matsushita Electric Works) HP2-M-DC48V Datasheet HTML 8Page - Nais(Matsushita Electric Works) HP2-M-DC48V Datasheet HTML 9Page - Nais(Matsushita Electric Works) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
411
HP-RELAYS
10 AMP POWER RELAY
VDE
2c, 3c
mm inch
25
.984
36
1.417
44.5
1.752
FEATURES
• Interchangeable with existing models
• Long life and high reliability
• High contact capacity up to 10 A 250 V AC
• Available with plug-in/solder and quick-connect terminals
SPECIFICATIONS (at 20
°C 68°F)
Contacts
Remarks
* Specifications will vary with foreign standards certification ratings.
*1 Measurement at same location as "initial breakdown voltage" section
*2 Detection current; 10 mA
*3 Excluding contact bounce time
*4 Half-wave pulse of sine wave: 11ms; detection time: 10
µs
*5 Half-wave pulse of sine wave: 6ms
*6 Detection time: 10
µs
*7 Refer to 5. Conditions for operation, transport and storage mentioned in
AMBIENT ENVIRONMENT (Page 61).
Characteristics (at 60 Hz, 20
°C 68°F)
Arrangement
2 Form C 3 Form C 4 Form C
Initial contact resistance, max.
(By voltage drop 6 V DC 1 A)
15 m
Contact material
Silver
Silver
alloy
Rating
Nominal switching
capacity
10 A 250 V AC (resistive)
2 Form C 3 Form C 4 Form C
Maximum operating speed
20 cpm
Initial insulation resistance*1
more than 100 M
Ω at 500 V DC
Breakdown
voltage*2
Between open
contacts
1,000
Vrms
2,000
Vrms
1,000
Vrms
Between contact sets
1,500
Vrms
2,000
Vrms
1,500
Vrms
Between contact and
coil
1,500
Vrms
2,000
Vrms
1,500
Vrms
Operate time*3 (at nominal voltage)
Approx.
15 ms
Approx. 25 ms
Release time (without diode)*3
(at nominal voltage)
Approx.
15 ms
Approx. 25 ms
Temperature rise
Max. 65
°C
Shock resistance
Functional*4
98 m/s2 {10 G}
Destructive*5
980 m/s2 {100 G}
Vibration resistance
Functional*6
58.8 m/s2 {6 G}, 10 to 55 Hz
at 1 mm double amplitude
Destructive
117.6 m/s2 {12 G}, 10 to 55 Hz
at 2 mm double amplitude
Conditions for opera-
tion, transport and
storage*7
(Not freezing and
condensing at low
temperature)
Ambient
temp.
–50
°C to +40°C
–58
°F to +104°F
Humidity
5 to 85% R.H.
Unit weight
Approx.
60g
2.12 oz
Approx.
100g
3.53 oz
Approx.
125g
4.41 oz
LIFE DATA
Contact rating and expected life For AC load type
Note: When the electromagnet or exciting coil (Solenoid, etc.) is the load, the value of motor or lamp load is applicable.
Voltage
125 V AC
250 V AC
Expected life
(min. operations)
Electrical
life
Load
Resistive (cos
ϕ
]
1)
Inductive (cos
ϕ
]
0.4)
Resistive (cos
ϕ
]
1)
Inductive (cos
ϕ
]
0.4)
Current
10 A
7.5 A
2
×105
10 A
7.5 A
7.5 A
5 A
5
×105
5 A3 A3 A2 A
1
×106
1A
0.7 A
0.6 A
0.4 A
2
×106
Mechanical life
1
×107


Similar Part No. - HP2-M-DC48V

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
HP2-0066L COILCRAFT-HP2-0066L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
HP2-0066L COILCRAFT-HP2-0066L Datasheet
609Kb / 10P
   Hexa-Path Magnetics
HP2-0083L COILCRAFT-HP2-0083L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
HP2-0083L COILCRAFT-HP2-0083L Datasheet
609Kb / 10P
   Hexa-Path Magnetics
HP2-0116L COILCRAFT-HP2-0116L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
More results

Similar Description - HP2-M-DC48V

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ940 ZETTLER-AZ940_14 Datasheet
49Kb / 3P
   10 AMP MINIATURE POWER RELAY
AZ697 ZETTLER-AZ697 Datasheet
56Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ6961 AZETTLER-AZ6961 Datasheet
87Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ692 AZETTLER-AZ692 Datasheet
156Kb / 4P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6963 ZETTLER-AZ6963 Datasheet
56Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ9405 ZETTLER-AZ9405 Datasheet
509Kb / 2P
   10 AMP MINIATURE POWER RELAY
logo
List of Unclassifed Man...
AZ696 ETC-AZ696 Datasheet
57Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
AZ697 ETC1-AZ697 Datasheet
53Kb / 2P
   10 AMP MINIATURE POWER RELAY
AZ692 ETC1-AZ692 Datasheet
20Kb / 1P
   10 AMP MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ6962 ZETTLER-AZ6962 Datasheet
55Kb / 2P
   10 AMP SUBMINIATURE POWER RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com