Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVT126PWDH Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVT126PWDH
Description  3.3V Quad buffer 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT126PWDH Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVT126PWDH Datasheet HTML 1Page - NXP Semiconductors 74LVT126PWDH Datasheet HTML 2Page - NXP Semiconductors 74LVT126PWDH Datasheet HTML 3Page - NXP Semiconductors 74LVT126PWDH Datasheet HTML 4Page - NXP Semiconductors 74LVT126PWDH Datasheet HTML 5Page - NXP Semiconductors 74LVT126PWDH Datasheet HTML 6Page - NXP Semiconductors 74LVT126PWDH Datasheet HTML 7Page - NXP Semiconductors 74LVT126PWDH Datasheet HTML 8Page - NXP Semiconductors 74LVT126PWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74LVT126
3.3V Quad buffer (3-State)
1998 Feb 19
4
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VIK
Input clamp voltage
VCC = 2.7V; IIK = –18mA
–0.9
–1.2
V
VCC = 2.7 to 3.6V; IOH = –100µA
VCC-0.2
VCC-0.1
VOH
High-level output voltage
VCC = 2.7V; IOH = –8mA
2.4
2.5
V
VCC = 3.0V; IOH = –32mA
2.0
2.2
VCC = 2.7V; IOL = 100µA
0.1
0.2
VCC = 2.7V; IOL = 24mA
0.3
0.5
VOL
Low-level output voltage
VCC = 3.0V; IOL = 16mA
0.25
0.4
V
VCC = 3.0V; IOL = 32mA
0.3
0.5
VCC = 3.0V; IOL = 64mA
0.4
0.55
VCC = 0 or 3.6V; VI = 5.5V
All inputs
1
10
II
Input leakage current
VCC = 3.6V; VI = VCC or GND
Control pins
±0.1
±1
µA
II
In ut leakage current
VCC = 3.6V; VI = VCC
Data pins4
0.1
1
µA
VCC = 3.6V; VI = 0
Data ins4
–1
-5
IOFF
Output off current
VCC = 0V; VI or VO = 0 to 4.5V
1
±100
µA
6
VCC = 3V; VI = 0.8V
75
150
IHOLD
Bus Hold current A inputs6
VCC = 3V; VI = 2.0V
–75
–150
µA
VCC = 0V to 3.6V; VCC = 3.6V
±500
IEX
Current into an output in the
High state when VO > VCC
VO = 5.5V; VCC = 3.0V
60
125
µA
IPU/PD
Power up/down 3-State
output current3
VCC ≤ 1.2V; VO = 0.5V to VCC; VI = GND or VCC;
OE/OE = Don’t care
±1
±100
µA
IOZH
3-State output high current
VCC = 3.6V; VO = 3.0V
1
5
µA
IOZL
3-State output low current
VCC = 3.6V; VO = 0.5V
–1
–5
µA
ICCH
VCC = 3.6V; Outputs High, VI = GND or VCC, IO = 0
0.13
0.19
ICCL
Quiescent supply current
VCC = 3.6V; Outputs Low, VI = GND or VCC, IO = 0
2
7
mA
ICCZ
VCC = 3.6V; Outputs Disabled; VI = GND or VCC, IO = 05
0.13
0.19
∆ICC
Additional supply current per
input pin2
VCC = 3V to 3.6V; One input at VCC-0.6V,
Other inputs at VCC or GND
0.1
0.2
mA
NOTES:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
2. This is the increase in supply current for each input at the specified voltage level other than VCC or GND
3. This parameter is valid for any VCC between 0V and 1.2V with a transition time of up to 10msec. From VCC = 1.2V to VCC = 3.3V ± 0.3V a
transition time of 100
µsec is permitted. This parameter is valid for Tamb = 25°C only.
4. Unused pins at VCC or GND.
5. ICCZ is measured with outputs pulled up to VCC or down to GND.
6. This is the bus hold overdrive current required to force the input to the opposite logic state.
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω, Tamb = –40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
UNIT
MIN
TYP1
MAX
MAX
tPLH
tPHL
Propagation delay
An to Yn
1
1.0
1.0
2.3
2.4
3.8
3.9
4.5
4.4
ns
tPZH
tPZL
Output enable time
OEn to Yn
2
1.0
1.1
3.6
3.6
5.4
5.2
6.1
5.8
ns
tPHZ
tPLZ
Output disable time
OEn to Yn
2
1.0
1.3
2.2
3.6
3.8
5.5
4.3
6.1
ns
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.


Similar Part No. - 74LVT126PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT126PW PHILIPS-74LVT126PW Datasheet
90Kb / 15P
   3.3 V quad buffer; 3-state
Rev. 04-11 February 2005
logo
Nexperia B.V. All right...
74LVT126PW NEXPERIA-74LVT126PW Datasheet
240Kb / 13P
   3.3 V quad buffer; 3-state
Rev. 6 - 27 July 2021
More results

Similar Description - 74LVT126PWDH

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT125 PHILIPS-74LVT125 Datasheet
87Kb / 10P
   3.3V Quad buffer 3-State
Rev. 05-10 February 2005
logo
Nexperia B.V. All right...
74ABT126 NEXPERIA-74ABT126 Datasheet
219Kb / 11P
   Quad buffer; 3-state
Rev. 6 - 8 October 2020
logo
NXP Semiconductors
74ABT125 PHILIPS-74ABT125 Datasheet
93Kb / 10P
   Quad buffer 3-State
1998 Jan 16
74ABT126 PHILIPS-74ABT126_15 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Fairchild Semiconductor
74F125SCX FAIRCHILD-74F125SCX Datasheet
79Kb / 5P
   Quad Buffer (3-STATE)
logo
NXP Semiconductors
74ABT126D-602 PHILIPS-74ABT126D-602 Datasheet
91Kb / 15P
   Quad buffer; 3-state
Rev. 04-17 February 2005
logo
Nexperia B.V. All right...
74ABT125 NEXPERIA-74ABT125 Datasheet
245Kb / 12P
   Quad buffer; 3-state
Rev. 9 - 13 March 2023
logo
NXP Semiconductors
74ABT125 NXP-74ABT125 Datasheet
162Kb / 15P
   Quad buffer; 3-state
Rev. 04-27 April 2010
logo
Fairchild Semiconductor
74F125 FAIRCHILD-74F125 Datasheet
66Kb / 5P
   Quad Buffer (3-STATE)
DM74LS126A FAIRCHILD-DM74LS126A Datasheet
48Kb / 4P
   Quad 3-STATE Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com