Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELS-512UBWA Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # ELS-512UBWA
Description  0.56 Single Digit Displays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELS-512UBWA Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  ELS-512UBWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELS-512UBWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELS-512UBWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELS-512UBWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELS-512UBWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Device Number :
REV:
1
0.56" Single Digit Displays
PART NO. :
ELS-512UBWA
ECN :
Page:
3/5
Absolute maximum ratings at Ta = 25℃:
Parameter
Symbol
Rating
Unit
Reverse Voltage
VR
5V
Forward Current
IF
30
mA
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-40 to +100
Soldering Temperature
Tsol
260 ± 5
Electrostatic Discharge
ESD
1000
V
Power Dissipation
Pd
140
mW
Peak Forward Current(Duty 1/10 @
1KHZ)
IF(Peak)
70
mA
Electronic optical characteristics :
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous
Per segment
2.0
3.2
----
mcd
IF=10mA
Intensity
Per decimal point
Iv
0.7
1.0
----
Peak Wavelength
λp
----
428
----
nm
IF=20mA
Dominant Wavelength
λd
----
466
----
nm
IF=20mA
Spectrum Radiation
Bandwidth
△λ
----
65
----
nm
IF=20mA
Forward Voltage
VF
----
3.8
4.5
V
IF=20mA
Reverse Current
IR
----
----
100
μAVR=5V
CDDS-512-018


Similar Part No. - ELS-512UBWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-512EWA EVERLIGHT-ELS-512EWA Datasheet
306Kb / 5P
   0.56 Single Digit Displays
ELS-512EWB EVERLIGHT-ELS-512EWB Datasheet
106Kb / 5P
   0.56 Single Digit Displays
ELS-512EWR EVERLIGHT-ELS-512EWR Datasheet
120Kb / 5P
   0.56 Single Digit Displays
ELS-512GDB EVERLIGHT-ELS-512GDB Datasheet
118Kb / 5P
   0.56 Single Digit Displays
ELS-512GWA EVERLIGHT-ELS-512GWA Datasheet
107Kb / 5P
   0.56 Single Digit Displays
More results

Similar Description - ELS-512UBWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-512IDB EVERLIGHT-ELS-512IDB Datasheet
319Kb / 5P
   0.56 Single Digit Displays
ELS-512EWB EVERLIGHT-ELS-512EWB Datasheet
106Kb / 5P
   0.56 Single Digit Displays
ELS-512GWB EVERLIGHT-ELS-512GWB Datasheet
107Kb / 5P
   0.56 Single Digit Displays
ELS-512IDR EVERLIGHT-ELS-512IDR Datasheet
110Kb / 5P
   0.56 Single Digit Displays
ELS-512EWA EVERLIGHT-ELS-512EWA Datasheet
306Kb / 5P
   0.56 Single Digit Displays
ELS-512GDB EVERLIGHT-ELS-512GDB Datasheet
118Kb / 5P
   0.56 Single Digit Displays
ELS-512GWA EVERLIGHT-ELS-512GWA Datasheet
107Kb / 5P
   0.56 Single Digit Displays
ELS-512HWB EVERLIGHT-ELS-512HWB Datasheet
121Kb / 5P
   0.56 Single Digit Displays
ELS-512EWR EVERLIGHT-ELS-512EWR Datasheet
120Kb / 5P
   0.56 Single Digit Displays
ELSS-512SYGWA EVERLIGHT-ELSS-512SYGWA Datasheet
162Kb / 8P
   0.56 Single Digit SMD Displays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com