Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1387D-250BGXC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY7C1387D-250BGXC
Description  18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1387D-250BGXC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY7C1387D-250BGXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1387D-250BGXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1387D-250BGXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1387D-250BGXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1387D-250BGXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1387D-250BGXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1387D-250BGXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1387D-250BGXC Datasheet HTML 9Page - Cypress Semiconductor CY7C1387D-250BGXC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
PRELIMINARY
CY7C1386D
CY7C1387D
Document #: 38-05545 Rev. *A
Page 6 of 30
Pin Definitions
Name
I/O
Description
A0, A1, A
Input-
Synchronous
Address Inputs used to select one of the address locations. Sampled at the
rising edge of the CLK if ADSP or ADSC is active LOW, and CE1, CE2, and CE3[2]
are sampled active. A1: A0 are fed to the two-bit counter..
BWA, BWB
BWC, BWD
Input-
Synchronous
Byte Write Select Inputs, active LOW. Qualified with BWE to conduct byte writes
to the SRAM. Sampled on the rising edge of CLK.
GW
Input-
Synchronous
Global Write Enable Input, active LOW. When asserted LOW on the rising edge
of CLK, a global write is conducted (ALL bytes are written, regardless of the values
on BWX and BWE).
BWE
Input-
Synchronous
Byte Write Enable Input, active LOW. Sampled on the rising edge of CLK. This
signal must be asserted LOW to conduct a byte write.
CLK
Input-
Clock
Clock Input. Used to capture all synchronous inputs to the device. Also used to
increment the burst counter when ADV is asserted LOW, during a burst operation.
CE1
Input-
Synchronous
Chip Enable 1 Input, active LOW. Sampled on the rising edge of CLK. Used in
conjunction with CE2 and CE3[2] to select/deselect the device. ADSP is ignored if
CE1 is HIGH. CE1 is sampled only when a new external address is loaded.
CE2[2]
Input-
Synchronous
Chip Enable 2 Input, active HIGH. Sampled on the rising edge of CLK. Used in
conjunction with CE1 and CE3[2] to select/deselect the device. CE2 is sampled only
when a new external address is loaded.
CE3[2]
Input-
Synchronous
Chip Enable 3 Input, active LOW. Sampled on the rising edge of CLK. Used in
conjunction with CE1 and CE2 to select/deselect the device.Not connected for BGA.
Where referenced, CE3[2] is assumed active throughout this document for BGA.
CE3 is sampled only when a new external address is loaded.
OE
Input-
Asynchronous
Output Enable, asynchronous input, active LOW. Controls the direction of the
I/O pins. When LOW, the I/O pins behave as outputs. When deasserted HIGH, DQ
pins are tri-stated, and act as input data pins. OE is masked during the first clock of
a read cycle when emerging from a deselected state.
ADV
Input-
Synchronous
Advance Input signal, sampled on the rising edge of CLK, active LOW. When
asserted, it automatically increments the address in a burst cycle.
ADSP
Input-
Synchronous
Address Strobe from Processor, sampled on the rising edge of CLK, active
LOW. When asserted LOW, addresses presented to the device are captured in the
address registers. A1: A0 are also loaded into the burst counter. When ADSP and
ADSC are both asserted, only ADSP is recognized. ASDP is ignored when CE1 is
deasserted HIGH.
ADSC
Input-
Synchronous
Address Strobe from Controller, sampled on the rising edge of CLK, active
LOW. When asserted LOW, addresses presented to the device are captured in the
address registers. A1: A0 are also loaded into the burst counter. When ADSP and
ADSC are both asserted, only ADSP is recognized.
ZZ
Input-
Asynchronous
ZZ “sleep” Input, active HIGH. When asserted HIGH places the device in a
non-time-critical “sleep” condition with data integrity preserved. For normal
operation, this pin has to be LOW or left floating. ZZ pin has an internal pull-down.
DQs, DQPX
I/O-
Synchronous
Bidirectional Data I/O lines. As inputs, they feed into an on-chip data register that
is triggered by the rising edge of CLK. As outputs, they deliver the data contained
in the memory location specified by the addresses presented during the previous
clock rise of the read cycle. The direction of the pins is controlled by OE. When OE
is asserted LOW, the pins behave as outputs. When HIGH, DQs and DQPX are
placed in a tri-state condition.
VDD
Power Supply
Power supply inputs to the core of the device.
VSS
Ground
Ground for the core of the device.
VSSQ
I/O Ground
Ground for the I/O circuitry.


Similar Part No. - CY7C1387D-250BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1387D-250BZC CYPRESS-CY7C1387D-250BZC Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1387D-250BZI CYPRESS-CY7C1387D-250BZI Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1387D-250BZXC CYPRESS-CY7C1387D-250BZXC Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1387D-250BZXI CYPRESS-CY7C1387D-250BZXI Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
More results

Similar Description - CY7C1387D-250BGXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1386D CYPRESS-CY7C1386D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C_06 Datasheet
549Kb / 29P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1366C CYPRESS-CY7C1366C Datasheet
458Kb / 27P
   9-Mbit (256K x 36/512K x 18) Pipelined DCD Sync SRAM
CY7C1298H CYPRESS-CY7C1298H Datasheet
383Kb / 16P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1298F CYPRESS-CY7C1298F Datasheet
332Kb / 15P
   1-Mbit (64K x 18) Pipelined DCD Sync SRAM
CY7C1386D CYPRESS-CY7C1386D_11 Datasheet
1Mb / 36P
   18-Mbit (512 K x 36/1 M x 18) Pipelined DCD Sync SRAM
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
479Kb / 26P
   36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
CY7C1484V25 CYPRESS-CY7C1484V25 Datasheet
1Mb / 26P
   72-Mbit (2M x 36/4M x 18) Pipelined DCD Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com