Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVT162240A Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. 74LVT162240A
Description  3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT162240A Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVT162240A Datasheet HTML 1Page - NXP Semiconductors 74LVT162240A Datasheet HTML 2Page - NXP Semiconductors 74LVT162240A Datasheet HTML 3Page - NXP Semiconductors 74LVT162240A Datasheet HTML 4Page - NXP Semiconductors 74LVT162240A Datasheet HTML 5Page - NXP Semiconductors 74LVT162240A Datasheet HTML 6Page - NXP Semiconductors 74LVT162240A Datasheet HTML 7Page - NXP Semiconductors 74LVT162240A Datasheet HTML 8Page - NXP Semiconductors 74LVT162240A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74LVT162240A
3.3V 16-bit inverting buffer/driver with 30
termination resistors (3-State)
1998 Feb 19
5
DC ELECTRICAL CHARACTERISTICS
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = -40
°C to +85°C
UNIT
MIN
TYP1
MAX
VIK
Input clamp voltage
VCC = 2.7V; IIK = -18mA
–0.85
1.2
V
VOH
High-level output voltage
VCC = 3.0V; IOH = -12mA
2.0
V
VOL
Low-level output voltage
VCC = 3.0V; IOL = 12mA
0.8
V
VCC = 3.6V; VI = VCC or GND
Control pins
0.1
±1
I
Input leakage current
VCC = 0 or 3.6V; VI = 5.5V
0.4
10
µA
II
Input leakage current
VCC = 3.6V; VI = VCC
Data pins4
0.1
1
µA
VCC = 3.6V; VI = 0
Data pins4
-0.4
-5
IOFF
Output off current
VCC = 0V; VI or VO = 0 to 4.5V
0.1
±100
µA
6
VCC = 3V; VI = 0.8V
75
135
IHOLD
Bus Hold current A outputs6
VCC = 3V; VI = 2.0V
-75
-135
µA
VCC = 0V to 3.6V; VCC = 3.6V
±500
IEX
Current into an output in the
High state when VO > VCC
VO = 5.5V; VCC = 3.0V
50
125
µA
IPU/PD
Power up/down 3-State output
current3
VCC ≤ 1.2V; VO = 0.5V to VCC; VI = GND or VCC
OE/OE = Don’t care
1
±100
µA
IOZH
3-State output High current
VCC = 3.6V; VO = 3.0V; VI = VIL or VIH
0.5
5
µA
IOZL
3-State output Low current
VCC = 3.6V; VO = 0.5V; VI = VIL or VIH
0.5
-5
µA
ICCH
VCC = 3.6V; Outputs High, VI = GND or VCC, IO = 0
0.07
0.12
ICCL
Quiescent supply current
VCC = 3.6V; Outputs Low, VI = GND or VCC, IO = 0
4.0
6
mA
ICCZ
VCC = 3.6V; Outputs Disabled; VI = GND or VCC, IO = 05
0.07
0.12
∆ICC
Additional supply current per
input pin2
VCC = 3V to 3.6V; One input at VCC-0.6V,
Other inputs at VCC or GND
0.1
0.20
mA
NOTES:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.
2. This is the increase in supply current for each input at the specified voltage level other than VCC or GND
3. This parameter is valid for any VCC between 0V and 1.2V with a transition time of up to 10msec. From VCC = 1.2V to VCC = 3.3V ± 0.3V a
transition time of 100
µsec is permitted. This parameter is valid for Tamb = 25°C only.
4. Unused pins at VCC or GND.
5. ICCZ is measured with outputs pulled to VCC or GND.
6. This is the bus hold overdrive current required to force the input to the opposite logic state.
AC CHARACTERISTICS
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω; Tamb = -40°C to +85°C.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
UNIT
MIN
TYP1
MAX
MAX
tPLH
tPHL
Propagation delay
nAx to nYx
1
0.5
0.5
2.6
2.6
4.2
4.2
5.0
5.0
ns
tPZH
tPZL
Output enable time
to High and Low level
2
1.0
1.0
3.3
3.0
5.5
5.0
6.5
5.5
ns
tPHZ
tPLZ
Output disable time
from High and Low Level
2
1.0
1.0
3.5
3.2
5.0
4.5
5.5
4.5
ns
NOTE:
1. All typical values are at VCC = 3.3V and Tamb = 25°C.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn