Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELS-512EWB Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # ELS-512EWB
Description  0.56 Single Digit Displays
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELS-512EWB Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  ELS-512EWB Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELS-512EWB Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELS-512EWB Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELS-512EWB Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELS-512EWB Datasheet HTML 5Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Device Number :
DDS-512-040
REV:
1.0
0.56" Single Digit Displays
MODEL NO :
ELS-512EWB
ECN :
Page:
3/5
Absolute maximum ratings at Ta = 25
℃:
Parameter
Symbol
Rating
Unit
Reverse Voltage
Vr
5
V
Forward Current
If
30
mA
Operating Temperature
Topr
-40 to +85
Storage Temperature
Tstg
-40 to +100
Soldering Temperature
Tsol
260 ± 5
Power Dissipation
Pd
100
mW
Peak Forward Current(Duty 1/10
@ 1KHZ)
If(Peak)
160
mA
Electronic optical characteristics :
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Condition
Luminous
Per segment
0.75
2.00
----
mcd
If=10mA
Intensity
Per decimal point
Iv
0.25
0.50
----
Peak Wavelength
λp
----
635
----
nm
If=20mA
Dominant Wavelength
λd
----
625
----
nm
If=20mA
Spectrum Radiation
Bandwidth
△λ
----
45
----
nm
If=20mA
Forward Voltage
Vf
1.7
2.0
2.4
V
If=20mA
Reverse Current
Ir
----
----
10
µA
Vr=5V


Similar Part No. - ELS-512EWB

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-512EWA EVERLIGHT-ELS-512EWA Datasheet
306Kb / 5P
   0.56 Single Digit Displays
ELS-512EWR EVERLIGHT-ELS-512EWR Datasheet
120Kb / 5P
   0.56 Single Digit Displays
More results

Similar Description - ELS-512EWB

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELS-512IDB EVERLIGHT-ELS-512IDB Datasheet
319Kb / 5P
   0.56 Single Digit Displays
ELS-512UBWA EVERLIGHT-ELS-512UBWA Datasheet
120Kb / 5P
   0.56 Single Digit Displays
ELS-512GWB EVERLIGHT-ELS-512GWB Datasheet
107Kb / 5P
   0.56 Single Digit Displays
ELS-512IDR EVERLIGHT-ELS-512IDR Datasheet
110Kb / 5P
   0.56 Single Digit Displays
ELS-512EWA EVERLIGHT-ELS-512EWA Datasheet
306Kb / 5P
   0.56 Single Digit Displays
ELS-512GDB EVERLIGHT-ELS-512GDB Datasheet
118Kb / 5P
   0.56 Single Digit Displays
ELS-512GWA EVERLIGHT-ELS-512GWA Datasheet
107Kb / 5P
   0.56 Single Digit Displays
ELS-512HWB EVERLIGHT-ELS-512HWB Datasheet
121Kb / 5P
   0.56 Single Digit Displays
ELS-512EWR EVERLIGHT-ELS-512EWR Datasheet
120Kb / 5P
   0.56 Single Digit Displays
ELSS-512SYGWA EVERLIGHT-ELSS-512SYGWA Datasheet
162Kb / 8P
   0.56 Single Digit SMD Displays
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com