Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C344-25WMB Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C344-25WMB
Description  32-Macrocell MAX EPLD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C344-25WMB Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C344-25WMB Datasheet HTML 1Page - Cypress Semiconductor CY7C344-25WMB Datasheet HTML 2Page - Cypress Semiconductor CY7C344-25WMB Datasheet HTML 3Page - Cypress Semiconductor CY7C344-25WMB Datasheet HTML 4Page - Cypress Semiconductor CY7C344-25WMB Datasheet HTML 5Page - Cypress Semiconductor CY7C344-25WMB Datasheet HTML 6Page - Cypress Semiconductor CY7C344-25WMB Datasheet HTML 7Page - Cypress Semiconductor CY7C344-25WMB Datasheet HTML 8Page - Cypress Semiconductor CY7C344-25WMB Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CY7C344
Document #: 38-03006 Rev. **
Page 3 of 15
Timing Delays
Timing delays within the CY7C344 may be easily determined
using Warp™, Warp Professional™, or Warp Enterprise™
software. The CY7C344 has fixed internal delays, allowing the
user to determine the worst case timing delays for any design.
Design Recommendations
Operation of the devices described herein with conditions
above those listed under “Maximum Ratings” may cause per-
manent damage to the device. This is a stress rating only and
functional operation of the device at these or any other condi-
tions above those indicated in the operational sections of this
data sheet is not implied. Exposure to absolute maximum rat-
ings conditions for extended periods of time may affect device
reliability. The CY7C344 contains circuitry to protect device
pins from high-static voltages or electric fields; however, normal
precautions should be taken to avoid applying any voltage high-
er than maximum rated voltages.
For proper operation, input and output pins must be con-
strained to the range GND
≤ (V
IN or VOUT) ≤ VCC. Unused inputs
must always be tied to an appropriate logic level (either VCC or GND).
Each set of VCC and GND pins must be connected together directly
at the device. Power supply decoupling capacitors of at least 0.2
µF
must be connected between VCC and GND. For the most effective
decoupling, each VCC pin should be separately decoupled.
Timing Considerations
Unless otherwise stated, propagation delays do not include
expanders. When using expanders, add the maximum ex-
pander delay tEXP to the overall delay.
When calculating synchronous frequencies, use tS1 if all inputs
are on the input pins. tS2 should be used if data is applied at an I/O
pin. If tS2 is greater than tCO1, 1/tS2 becomes the limiting frequency
in the data-path mode unless 1/(tWH + tWL) is less than 1/tS2.
When expander logic is used in the data path, add the appro-
priate maximum expander delay, tEXP to tS1. Determine which of
1/(tWH + tWL), 1/tCO1, or 1/(tEXP + tS1) is the lowest frequency. The
lowest of these frequencies is the maximum data-path frequency for
the synchronous configuration.
When calculating external asynchronous frequencies, use
tAS1 if all inputs are on dedicated input pins. If any data is applied to
an I/O pin, tAS2 must be used as the required set-up time. If (tAS2 +
tAH) is greater than tACO1, 1/(tAS2 + tAH) becomes the limiting fre-
quency in the data-path mode unless 1/(tAWH + tAWL) is less than
1/(tAS2 + tAH).
When expander logic is used in the data path, add the appro-
priate maximum expander delay, tEXP to tAS1. Determine which
of 1/(tAWH +tAWL), 1/tACO1, or 1/(tEXP + tAS1) is thelowest frequency.
The lowest of these frequencies is the maximum data-path frequency
for the asynchronous configuration.
The parameter tOH indicates the system compatibility of this device
when driving other synchronous logic with positive input hold times,
which is controlled by the same synchronous clock. If tOH is greater
than the minimum required input hold time of the subsequent syn-
chronous logic, then the devices are guaranteed to function properly
with a common synchronous clock under worst-case environmental
and supply voltage conditions.
The parameter tAOH indicates the system compatibility of this de-
vice when driving subsequent registered logic with a positive hold
time and using the same clock as the CY7C344. In general, if tAOH
is greater than the minimum required input hold time of the subse-
quent logic (synchronous or asynchronous), then the devices are
guaranteed to function properly under worst-case environmental and
supply voltage conditions, provided the clock signal source is the
same. This also applies if expander logic is used in the clock signal
path of the driving device, but not for the driven device. This is due to
the expander logic in the second device’s clock signal path adding an
additional delay (tEXP), causing the output data from the preceding
device to change prior to the arrival of the clock signal at the following
device’s register.
Figure 1. CY7C344 Timing Model.
LOGIC ARRAY
CONTROLDELAY
tLAC
EXPANDER
DELAY
t EXP
CLOCK
DELAY
tIC
tRD
tCOMB
tLATCH
INPUT
DELAY
tIN
REGISTER
OUTPUT
DELAY
tOD
tXZ
tZX
LOGIC ARRAY
DELAY
tLAD
FEEDBACK
DELAY
tFD
OUTPUT
INPUT
C344–7
SYSTEM CLOCK DELAYtICS
tRH
tRSU
tPRE
tCLR
I/O
I/O DELAY
tIO
I/O


Similar Part No. - CY7C344-25WMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C344-25WMB CYPRESS-CY7C344-25WMB Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344-25WMB CYPRESS-CY7C344-25WMB Datasheet
494Kb / 15P
   32-Macrocell MAX짰 EPLD
CY7C344-25WMB CYPRESS-CY7C344-25WMB Datasheet
556Kb / 15P
   32-Macrocell MAX짰 EPLD
More results

Similar Description - CY7C344-25WMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C346B-25JC CYPRESS-CY7C346B-25JC Datasheet
435Kb / 15P
   128-Macrocell MAX EPLD
CY7C341B CYPRESS-CY7C341B Datasheet
334Kb / 12P
   192-Macrocell MAX EPLD
CY7C344 CYPRESS-CY7C344_05 Datasheet
494Kb / 15P
   32-Macrocell MAX짰 EPLD
CY7C344 CYPRESS-CY7C344_95 Datasheet
296Kb / 17P
   32-Macrocell MAX짰 EPLD
CY7C343B CYPRESS-CY7C343B Datasheet
173Kb / 12P
   64-Macrocell MAX EPLD
CY7C343 CYPRESS-CY7C343 Datasheet
214Kb / 19P
   64-Macrocell MAX EPLD
CY7C346B CYPRESS-CY7C346B Datasheet
282Kb / 16P
   128-Macrocell MAX EPLD
CY7C344-20JI CYPRESS-CY7C344-20JI Datasheet
556Kb / 15P
   32-Macrocell MAX짰 EPLD
5962-9061102XX CYPRESS-5962-9061102XX Datasheet
579Kb / 15P
   32-Macrocell MAX짰 EPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com