Electronic Components Datasheet Search
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Vietnamese
Delete All
ON
OFF
ALLDATASHEET.COM
Part No.
Description
Marking
X
Match&Start
Match
Start with
End
Included
All Manufacturers
Preview
PDF
Download
HTML
LM95233 Datasheet(PDF) 4 Page - National Semiconductor (TI)
[Old version datasheet]
Texas Instruments acquired National semiconductor.
Click here
to check the latest version.
Part No.
LM95233
Description
Dual
Remote
Diode
and
Local
Temperature
Sensor
with
SMBus
Interface,
TCRITs
and
TruTherm™
Technology
Download
5 Pages
Scroll/Zoom
100%
Maker
NSC [National Semiconductor (TI)]
Homepage
http://www.national.com
Logo
LM95233 Datasheet(HTML) 4 Page - National Semiconductor (TI)
zoom in
zoom out
4
/ 5 page
Typical Application
20206303
www.national.com
4
Html Pages
1
2
3
4
5
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
LM95241
Dual
Remote
Diode
Temperature
Sensor
with
SMBus
Interface
and
TruTherm™
Technology
65nm/90nm
1
2
3
4
5
More
National Semiconductor (TI)
LM95234
Quad
Remote
Diode
and
Local
Temperature
Sensor
with
SMBus
Interface
and
TruTherm™
Technology
1
2
3
4
5
National Semiconductor (TI)
TMP411
±1C
Remote
and
Local
TEMPERATURE
SENSOR
with
N-Factor
and
Series
Resistance
Correction
1
2
3
4
5
More
Burr-Brown (TI)
A1425_05
High
Accuracy
Analog
Speed
Sensor
with
Integrated
Filter
Capacitor
and
Dual
Zero-Crossing
Output
Signal
1
2
3
4
5
More
Allegro MicroSystems
TMP106
Digital
Temperature
Sensor
with
Two-Wire
Interface
1
2
3
4
5
More
Burr-Brown (TI)
TMP105
Digital
Temperature
Sensor
with
Two-Wire
Interface
1
2
3
4
5
More
Burr-Brown (TI)
PCA9554A
REMOTE
8-BIT
I2C
AND
SMBus
I/O
EXPANDER
WITH
INTERRUPT
OUTPUT
AND
CONFIGURATION
REGISTERS
1
2
3
4
5
More
Texas Instruments
ZL50030_06
Flexible
4
K
x
2
K
Channel
Digital
Switch
with
H.110
Interface
and
1
K
x
1
K
Local
Switch
1
2
3
4
5
More
Zarlink Semiconductor Inc
PCA9555
REMOTE
16-BIT
I2C
AND
SMBus
I/O
EXPANDER
WITH
INTERRUPT
OUTPUT
AND
CONFIGURATION
REGISTERS
1
2
3
4
5
More
Texas Instruments
EMC1053_07
1C
Triple
Temperature
Sensor
with
Resistance
Error
Correction
and
Hotter
of
Two
Zones
1
2
3
4
5
More
SMSC Corporation
Link URL
English
中国语
한국어
français
español
日本語
Deutsch
italiano
русский
polski
português
Tiếng việt
Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Alldatasheet API
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
Mirror Sites
English :
Alldatasheet.com
| English :
Alldatasheet.net
| Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
Russian :
Alldatasheetru.com
| Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl
| Vietnamese :
Alldatasheet.vn