Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C344-15WC/WI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C344-15WC/WI
Description  32-Macrocell MAX EPLD
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C344-15WC/WI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C344-15WC/WI Datasheet HTML 7Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 8Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 9Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 10Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 11Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 12Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 13Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 14Page - Cypress Semiconductor CY7C344-15WC/WI Datasheet HTML 15Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
CY7C344
Document #: 38-03006 Rev. **
Page 11 of 15
MILITARY SPECIFICATIONS
Group A Subgroup Testing
MAX is a registered trademark of Altera Corporation.
Warp, Warp Professional, and Warp Enterprise are trademarks of Cypress Semiconductor.
Switching Waveforms (continued)
Internal Synchronous (Output Path)
C344–14
tXZ
tZX
tOD
HIGH Z
CLOCK FROM
LOGIC ARRAY
LOGIC ARRAY
DATA FROM
OUTPUT PIN
tRD
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
15
CY7C344-15HC/HI
H64
28-Lead Windowed Leaded Chip Carrier
Commercial/Industrial
CY7C344-15JC/JI
J64
28-Lead Plastic Leaded Chip Carrier
CY7C344-15PC/PI
P21
28-Lead (300-Mil) Molded DIP
CY7C344-15WC/WI
W22
28-Lead Windowed CerDIP
20
CY7C344-20HC/HI
H64
28-Lead Windowed Leaded Chip Carrier
Commercial/Industrial
CY7C344-20JC/JI
J64
28-Lead Plastic Leaded Chip Carrier
CY7C344-20PC/PI
P21
28-Lead (300-Mil) Molded DIP
CY7C344-20WC/WI
W22
28-Lead Windowed CerDIP
CY7C344-20HMB
H64
28-Lead Windowed Leaded Chip Carrier
Military
CY7C344-20WMB
W22
28-Lead Windowed CerDIP
25
CY7C344-25HC/HI
H64
28-Lead Windowed Leaded Chip Carrier
Commercial/Industrial
CY7C344-25JC/JI
J64
28-Lead Plastic Leaded Chip Carrier
CY7C344-25PC/PI
P21
28-Lead (300-Mil) Molded DIP
CY7C344-25WC/WI
W22
28-Lead Windowed CerDIP
CY7C344-25HMB
H64
28-Lead Windowed Leaded Chip Carrier
Military
CY7C344-25WMB
W22
28-Lead Windowed CerDIP
DC Characteristics
Parameter
Subgroups
VOH
1, 2, 3
VOL
1, 2, 3
VIH
1, 2, 3
VIL
1, 2, 3
IIX
1, 2, 3
IOZ
1, 2, 3
ICC1
1, 2, 3
Switching Characteristics
Parameter
Subgroups
tPD1
7, 8, 9, 10, 11
tPD2
7, 8, 9, 10, 11
tPD3
7, 8, 9, 10, 11
tCO1
7, 8, 9, 10, 11
tS
7, 8, 9, 10, 11
tH
7, 8, 9, 10, 11
tACO1
7, 8, 9, 10, 11
tACO1
7, 8, 9, 10, 11
tAS
7, 8, 9, 10, 11
tAH
7, 8, 9, 10, 11


Similar Part No. - CY7C344-15WC/WI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C344-15WC/WI CYPRESS-CY7C344-15WC/WI Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C344-15WC/WI CYPRESS-CY7C344-15WC/WI Datasheet
296Kb / 17P
   32-Macrocell MAX짰 EPLD
CY7C344-15WC/WI CYPRESS-CY7C344-15WC/WI Datasheet
494Kb / 15P
   32-Macrocell MAX짰 EPLD
CY7C344-15WC/WI CYPRESS-CY7C344-15WC/WI Datasheet
556Kb / 15P
   32-Macrocell MAX짰 EPLD
More results

Similar Description - CY7C344-15WC/WI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C344B CYPRESS-CY7C344B Datasheet
241Kb / 16P
   32-Macrocell MAX EPLD
CY7C346B-25JC CYPRESS-CY7C346B-25JC Datasheet
435Kb / 15P
   128-Macrocell MAX EPLD
CY7C341B CYPRESS-CY7C341B Datasheet
334Kb / 12P
   192-Macrocell MAX EPLD
CY7C344 CYPRESS-CY7C344_05 Datasheet
494Kb / 15P
   32-Macrocell MAX짰 EPLD
CY7C344 CYPRESS-CY7C344_95 Datasheet
296Kb / 17P
   32-Macrocell MAX짰 EPLD
CY7C343B CYPRESS-CY7C343B Datasheet
173Kb / 12P
   64-Macrocell MAX EPLD
CY7C343 CYPRESS-CY7C343 Datasheet
214Kb / 19P
   64-Macrocell MAX EPLD
CY7C346B CYPRESS-CY7C346B Datasheet
282Kb / 16P
   128-Macrocell MAX EPLD
CY7C344-20JI CYPRESS-CY7C344-20JI Datasheet
556Kb / 15P
   32-Macrocell MAX짰 EPLD
5962-9061102XX CYPRESS-5962-9061102XX Datasheet
579Kb / 15P
   32-Macrocell MAX짰 EPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com