Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ICS9169C-231 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part No. ICS9169C-231
Description  Frequency Generator for Pentium Based Systems
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICST [Integrated Circuit Systems]
Homepage  http://www.icst.com
Logo 

ICS9169C-231 Datasheet(HTML) 6 Page - Integrated Circuit Systems

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
ICS169C-231
Absolute Maximum Ratings
Electrical Characteristics at 3.3V
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0 V
Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND –0.5 V to VDD +0.5 V
Ambient Oper ating Temperature . . . . . . . . . . 0°C to +70°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . –65°C to +150°C
VDD = 3.0 – 3.7 V, TA = 0 – 70° C unless otherwise stated
Note 1: Parameter is guaranteed by design and characterization. Not 100% tested in production.
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings
are stress specifications only and functional operation of the device at these or any other conditions above those listed
in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect product reliability.
DC Characteristics
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Low Voltage
VIL
-
-
0.2VDD
V
Input High Voltage
VIH
0.7VDD
--
V
Input Low Current
IIL
VIN=0V
-28.0
-10.5
-
µA
Input High Current
IIH
VIN=VDD
-5.0
-
5.0
µA
Output Low Current
1
IOL
VOL = 0.8V; for CPU, BUS, Fixed CLKs
16.0
25.0
-
mA
Output High Current1
IOH
VOL = 2.0V; for CPU, BUS, Fixed CLKs
-
-30.0
-14.0
mA
Output Low Current1
IOL
VOL = 0.8V; for REF CLK
19.0
30.0
-
mA
Output High Current1
IOH
VOL=2.0V; for REF CLK
-
-38.0
-16.0
mA
Output Low Voltage
1
VOL
IOL = 8mA; for CPU, BUS, Fixed CLKs
-
0.3
0.4
V
Output High Voltage
1
VOH
IOH = -8mA; for CPU, BUS, Fixed CLKs
2.4
2.8
-
V
Output Low Voltage
1
VOL
IOL = 10mA; for REF CLK
-
0.3
0.4
V
Output High Voltage
1
VOH
IOH = -15mA; for REF CLK
2.4
2.8
-
V
Supply Current
IDD
@66.6 MHz; all outputs unloaded
-
70
140
mA


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn