Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1514 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1514
Description  TFT-LCD Power-Supply Controllers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1514 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1514 Datasheet HTML 3Page - Maxim Integrated Products MAX1514 Datasheet HTML 4Page - Maxim Integrated Products MAX1514 Datasheet HTML 5Page - Maxim Integrated Products MAX1514 Datasheet HTML 6Page - Maxim Integrated Products MAX1514 Datasheet HTML 7Page - Maxim Integrated Products MAX1514 Datasheet HTML 8Page - Maxim Integrated Products MAX1514 Datasheet HTML 9Page - Maxim Integrated Products MAX1514 Datasheet HTML 10Page - Maxim Integrated Products MAX1514 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
TFT-LCD Power-Supply Controllers
_______________________________________________________________________________________
7
Typical Operating Characteristics
(Circuit of Figure 1, VIN = 5V, VMAIN = 15V, VGON = 25V, VGOFF = -10V, VLOGIC = 3.3V, VGAMMA = 14.7V, TA = +25°C, unless other-
wise noted.)
STEP-UP OUTPUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
600
500
400
300
200
100
14.7
14.8
14.9
15.0
15.1
14.6
0700
VIN = 5V
VIN = 15V
fOSC = 1.5MHz
STEP-UP EFFICIENCY
vs. LOAD CURRENT (1.5MHz)
LOAD CURRENT (mA)
700
600
500
400
300
200
100
50
60
70
80
90
100
40
0800
VIN = 5.0V
VIN = 2.7V
VIN = 3.3V
STEP-UP REGULATOR
LOAD-TRANSIENT RESPONSE
MAX1513/14 toc03
4
µs/div
VMAIN
100mV
AC-COUPLED
IMAIN
500mA/div
0.1A
IL
1A/div
0A
STEP-UP REGULATOR
PULSED-LOAD-TRANSIENT RESPONSE
MAX1513/14 toc04
4
µs/div
VMAIN
100mV/div
AC-COUPLED
IMAIN
1A/div
0.1A
IL
1A/div
0A
STEP-UP REGULATOR SOFT-START
MAX1513/14 toc05
400
µs/div
VMAIN
5V/div
0V
IL
2A/div
0A
POWER-UP SEQUENCE
MAX1513/14 toc06
4ms/div
VLOGIC
5V/div
VMAIN
20V/div
VGON
20V/div
VGOFF
10V/div
VGAMMA
20V/div
0V
0V
0V
0V
0V
LINEAR REGULATOR REG L
LOAD-TRANSIENT RESPONSE
MAX1513/14 toc07
20
µs/div
VLOGIC
50mV/div
AC-COUPLED
ILOGIC
500mA/div
0mA
BUFFER-AMPLIFIER SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
12
10
8
6
0.2
0.4
0.6
0.8
1.0
1.2
0
414
NO LOAD
VFBPB = VSUPB / 2
BUFFER-AMPLIFIER SMALL-SIGNAL
STEP RESPONSE
MAX1513/14 toc09
400ns/div
VFBPB
50mV/div
AC-COUPLED
VOUTB
50mV/div
AC-COUPLED


Similar Part No. - MAX1514

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1514 MAXIM-MAX1514 Datasheet
184Kb / 8P
   fully assembled and tested surface-mount circuit board Evaluation Kit
Rev 0; 10/04
More results

Similar Description - MAX1514

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7585 RENESAS-EL7585 Datasheet
1Mb / 19P
   TFT-LCD Power Supply
EL7585A RENESAS-EL7585A Datasheet
1Mb / 19P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
EL7585AP INTERSIL-EL7585AP_06 Datasheet
738Kb / 19P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586_06 Datasheet
787Kb / 21P
   TFT-LCD Power Supply
logo
Renesas Technology Corp
EL7586 RENESAS-EL7586 Datasheet
1Mb / 21P
   TFT-LCD Power Supply
logo
Intersil Corporation
EL7586ILZ INTERSIL-EL7586ILZ Datasheet
692Kb / 21P
   TFT-LCD Power Supply
January 17, 2006
EL7585 INTERSIL-EL7585 Datasheet
732Kb / 18P
   TFT-LCD Power Supply
EL7585A INTERSIL-EL7585A Datasheet
730Kb / 18P
   TFT-LCD Power Supply
EL7586 INTERSIL-EL7586 Datasheet
772Kb / 21P
   TFT-LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com