Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVT10 Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. 74LVT10
Description  3.3V Triple 3-input NAND gate
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT10 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVT10 Datasheet HTML 2Page - NXP Semiconductors 74LVT10 Datasheet HTML 3Page - NXP Semiconductors 74LVT10 Datasheet HTML 4Page - NXP Semiconductors 74LVT10 Datasheet HTML 5Page - NXP Semiconductors 74LVT10 Datasheet HTML 6Page - NXP Semiconductors 74LVT10 Datasheet HTML 7Page - NXP Semiconductors 74LVT10 Datasheet HTML 8Page - NXP Semiconductors 74LVT10 Datasheet HTML 9Page - NXP Semiconductors 74LVT10 Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74LVT10
3.3V Triple 3-input NAND gate
1995 May 08
6
SO14:
plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
M74HC10 TRIPLE 3-INPUT NAND GATE 1  2  3  4  5  More STMicroelectronics
TC74VHC10F TRIPLE 3-INPUT NAND GATE 1  2  3  4  5  Toshiba Semiconductor
74LCX10 Low Voltage Triple 3-Input NAND Gate with 5V Tolerant Inputs 1  2  3  4  5  More Fairchild Semiconductor
74HC10E TRIPLE 3-INPUT NAND GATE 1  2  3  4  Integral Corp.
54ACTQ10 Quiet Series Triple 3-Input NAND Gate 1  2  3  4  5  National Semiconductor (TI)
HEF4023B Triple 3-input NAND gate 1  2  3  NXP Semiconductors
SN54LS10 TRIPLE 3-INPUT NAND GATE 1  2  3  4  Motorola, Inc
54F10DM Triple 3-Input NAND Gate 1  2  3  4  5  More National Semiconductor (TI)
74F10 Triple 3-input NAND gate 1  2  3  4  5  More NXP Semiconductors
IN74HC10A Triple 3-Input NAND Gate High-Performance Silicon-Gate CMOS 1  2  3  4  5  Integral Corp.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn