Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SMBJ3V3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. SMBJ3V3
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMBJ3V3 Datasheet(HTML) 2 Page - Vishay Siliconix

  SMBJ3V3 Datasheet HTML 1Page - Vishay Siliconix SMBJ3V3 Datasheet HTML 2Page - Vishay Siliconix SMBJ3V3 Datasheet HTML 3Page - Vishay Siliconix SMBJ3V3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
2
Document Number 88940
08-Sep-06
Vishay General Semiconductor
SMBJ3V3
Note:
(1) Thermal resistance from junction to lead - Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal
(2) Thermal resistance from junction to ambient - Mounted on the recommended P.C.B. pad layout
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Typical thermal resistance, junction to lead (1)
RθJL
20
°C/W
Typical thermal resistance, junction to ambient (2)
RθJA
100
ORDERING INFORMATION
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SMBJ3V3-E3/52
0.096
52
750
7" Diameter Plastic Tape & Reel
SMBJ3V-E3/5B
0.096
5B
3200
13" Diameter Plastic Tape & Reel
Figure 1. Pulse Waveform
Figure 2. Peak Pulse Power Rating Curve
0
50
100
150
td
0
1.0
2.0
3.0
4.0
tr = 8
µsec.
tr = 10
µsec.
t - Time (ms)
td = 1000 µs
td = 20 µs
Peak Value
IPPM
Half Value -
IPPM
IPP
2
Tj = 25 °C
Pulse Width (td)
is defined as the point
where the peak current
decays to 50 % of IPPM
10
1
0.1
0.01
0.1
1
10
td - Pulse Width (ms)
Figure 3. Relative Variation of Leakage Current vs.
Junction Temperature
Figure 4. Clamping Voltage vs. Peak Pulse Current
(Tj initial = 25 °C)
0.1
1
10
0
25
50
75
100
125
150
175
T j - Junction T emperature (°C)
4
6
8
10
0.1
1
10
100
1000
Ipp (A)
10/1000 µs
8/20 µs


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn