Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ3V3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SMBJ3V3
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMBJ3V3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SMBJ3V3 Datasheet HTML 1Page - Vishay Siliconix SMBJ3V3 Datasheet HTML 2Page - Vishay Siliconix SMBJ3V3 Datasheet HTML 3Page - Vishay Siliconix SMBJ3V3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Vishay General Semiconductor
SMBJ3V3
New Product
Document Number 88940
08-Sep-06
www.vishay.com
1
Surface Mount TRANSZORB® Transient Voltage Suppressors
FEATURES
• Unidirectional polarity only
• Peak pulse power: 600 W (10/1000 µs)
• Excellent clamping capability
• Very fast response time
• Meets MSL level 1, per J-STD-020C, LF max peak
of 260 °C
• Solder Dip 260 °C, 40 seconds
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and
lighting on ICs, MOSFET, signal lines of sensor units
specifically for protecting 3.3 V supplied sensitive
equipment against transient overvoltages.
MECHANICAL DATA
Case: DO-214AA (SMBJ)
Epoxy meets UL 94V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002B and JESD22-B102D
E3 suffix for commercial grade, HE3 suffix for high
reliability grade (AEC Q101 qualified)
Polarity: Color band denotes cathode end
DO-214AA (SMBJ)
MAJOR RATINGS AND CHARACTERISTICS
V(BR)
3.3 V
PPPM
600 W
IFSM
60 A
Tj max.
175 °C
Note:
(1) Non-repetitive current pulse, per Fig. 1
(2) Mounted on 0.2 x 0.2" (5.0 x 5.0 mm) copper pads to each terminal
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak pulse power dissipation (1,2)
PPPM
600
W
Peak pulse current with a 10/1000
μs waveform (see Fig. 1)
IPPM
50
A
Peak pulse current with a 8/20 waveform (see Fig. 1)
IPPM
200
A
Non repetitive peak forward surge current 8.3 ms single half sine-wave(2)
IFSM
60
A
Power dissipation on infinite heatsink, TL = 75 °C
PM(AV)
5W
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 175
°C
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE
TYPE
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
V(BR) AT IT
MAXIMUM
REVERSE
LEAKAGE
CURRENT
IR AT VWM
MAXIMUM
CLAMPING
VOLTAGE
VC AT IPPM
MAXIMUM
CLAMPING
VOLTAGE
VC AT IPPM
TYPICAL
TEMP.
COEFFICIENT
OF V(BR)
TYPICAL
JUNCTION
CAPACITANCE
CJ AT 0 V,
MIN
MAX
10/1000 µs
8/20 µs
1 MHz
V
mA
µA
V
VA
VA
(%/°C)
pF
SMBJ3V3
KC
4.1
1.0
200
3.3
7.3
50
10.3
200
- 5.3
5200


Similar Part No. - SMBJ3V3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMBJ3V3 VISHAY-SMBJ3V3 Datasheet
109Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMBJ3V3 VISHAY-SMBJ3V3 Datasheet
105Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Supressors
Revision: 20-Apr-11
SMBJ3V3 VISHAY-SMBJ3V3 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3-E3/52 VISHAY-SMBJ3V3-E3/52 Datasheet
109Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMBJ3V3-E3/5B VISHAY-SMBJ3V3-E3/5B Datasheet
109Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
More results

Similar Description - SMBJ3V3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com