Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDTA123EU Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PDTA123EU
Description  PNP resistor-equipped transistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTA123EU Datasheet(HTML) 2 Page - NXP Semiconductors

  PDTA123EU Datasheet HTML 1Page - NXP Semiconductors PDTA123EU Datasheet HTML 2Page - NXP Semiconductors PDTA123EU Datasheet HTML 3Page - NXP Semiconductors PDTA123EU Datasheet HTML 4Page - NXP Semiconductors PDTA123EU Datasheet HTML 5Page - NXP Semiconductors PDTA123EU Datasheet HTML 6Page - NXP Semiconductors PDTA123EU Datasheet HTML 7Page - NXP Semiconductors PDTA123EU Datasheet HTML 8Page - NXP Semiconductors PDTA123EU Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2004 Aug 02
2
Philips Semiconductors
Product specification
PNP resistor-equipped transistors;
R1 = 2.2 k
Ω, R2 = 2.2 kΩ
PDTA123E series
FEATURES
• Built-in bias resistors
• Simplified circuit design
• Reduction of component count
• Reduced pick and place costs.
APPLICATIONS
• General purpose switching and amplification
• Inverter and interface circuits
• Circuit driver.
QUICK REFERENCE DATA
DESCRIPTION
PNP resistor-equipped transistor (see “Simplified outline,
symbol and pinning” for package details).
SYMBOL
PARAMETER
TYP.
MAX.
UNIT
VCEO
collector-emitter
voltage
−−50
V
IO
output current (DC)
−−100 mA
R1
bias resistor
2.2
k
R2
bias resistor
2.2
k
PRODUCT OVERVIEW
Note
1. * = p: Made in Hong Kong.
* = t: Made in Malaysia.
* = W: Made in China.
TYPE NUMBER
PACKAGE
MARKING CODE
NPN COMPLEMENT
PHILIPS
EIAJ
PDTA123EE
SOT416
SC-75
5C
PDTC123EE
PDTA123EEF
SOT490
SC-89
6C
PDTC123EEF
PDTA123EK
SOT346
SC-59
42
PDTC123EK
PDTA123EM
SOT883
SC-101
F7
PDTC123EM
PDTA123ES
SOT54 (TO-92)
SC-43
TA123E
PDTC123ES
PDTA123ET
SOT23
*21(1)
PDTC123ET
PDTA123EU
SOT323
SC-70
*42(1)
PDTC123EU


Similar Part No. - PDTA123EU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDTA123EU PHILIPS-PDTA123EU Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
PDTA123EU NXP-PDTA123EU Datasheet
189Kb / 14P
   PNP resistor-equipped transistors; R1 = 2.2 k廓, R2 = 2.2 k廓
2004 Aug 02
logo
Nexperia B.V. All right...
PDTA123EU NEXPERIA-PDTA123EU Datasheet
420Kb / 15P
   NPN resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
2004 Aug
PDTA123EU NEXPERIA-PDTA123EU Datasheet
421Kb / 15P
   PNP resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
2004 Aug 02
PDTA123EU NEXPERIA-PDTA123EU Datasheet
421Kb / 15P
   PNP resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 2.2 kΩ
2004 Aug 02
More results

Similar Description - PDTA123EU

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMB10_PUMB10 PHILIPS-PEMB10_PUMB10_15 Datasheet
626Kb / 15P
   PNP/PNP resistor-equipped transistors; PNP/PNP resistor-equipped transistors;
Rev. 3-3 January 2012
PEMB11_PUMB11 PHILIPS-PEMB11_PUMB11_15 Datasheet
634Kb / 14P
   PNP/PNP resistor-equipped transistors;
Rev. 3-30 November 2011
logo
Nexperia B.V. All right...
PQMB11 NEXPERIA-PQMB11 Datasheet
708Kb / 14P
   PNP/PNP resistor-equipped transistors;
logo
NXP Semiconductors
PDTA144E PHILIPS-PDTA144E Datasheet
92Kb / 14P
   PNP resistor-equipped transistors
2004 Aug 05
PEMB14 PHILIPS-PEMB14_15 Datasheet
71Kb / 10P
   PNP/PNP resistor-equipped transistors
Rev. 02-31 August 2009
PEMD19 PHILIPS-PEMD19 Datasheet
62Kb / 11P
   NPN/PNP resistor-equipped transistors
Rev. 01-17 February 2005
logo
Nexperia B.V. All right...
PEMD20 NEXPERIA-PEMD20 Datasheet
178Kb / 11P
   NPN/PNP resistor-equipped transistors;
logo
NXP Semiconductors
PEMD12 PHILIPS-PEMD12 Datasheet
66Kb / 12P
   NPN/PNP resistor-equipped transistors
2001 Nov 07
PIMD3 PHILIPS-PIMD3 Datasheet
65Kb / 11P
   NPN/PNP resistor-equipped transistors
Rev. 09-18 May 2005
PUMD48 PHILIPS-PUMD48 Datasheet
64Kb / 12P
   NPN/PNP resistor-equipped transistors
1999 Apr 22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com