Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W65C22S6TQG-14 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # W65C22S6TQG-14
Description  Versatile Interface Adapter (VIA)
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

W65C22S6TQG-14 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button W65C22S6TQG-14 Datasheet HTML 6Page - List of Unclassifed Manufacturers W65C22S6TQG-14 Datasheet HTML 7Page - List of Unclassifed Manufacturers W65C22S6TQG-14 Datasheet HTML 8Page - List of Unclassifed Manufacturers W65C22S6TQG-14 Datasheet HTML 9Page - List of Unclassifed Manufacturers W65C22S6TQG-14 Datasheet HTML 10Page - List of Unclassifed Manufacturers W65C22S6TQG-14 Datasheet HTML 11Page - List of Unclassifed Manufacturers W65C22S6TQG-14 Datasheet HTML 12Page - List of Unclassifed Manufacturers W65C22S6TQG-14 Datasheet HTML 13Page - List of Unclassifed Manufacturers W65C22S6TQG-14 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
The Western Design Center, Inc.
W65C22S Data Sheet
The Western Design Center
W65C22S
10
Table 1-3 ORA, IRA Operation for Register 1 ($01)
7
6
5
4
3
2
1
0
ORA,IRA
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
Pin Data Direction
Selection
WRITE
READ
DDRA="1" (Output)
(Input latching disabled)
MPU writes Output Level
(ORA)
MPU reads level on PA pin.
DDRA="1" (Output)
(Input latching enabled)
MPU reads IRA bit which is the level of
the PA pin at the time of the last CA1
active transition.
DDRA="0" (Input)
(Input latching disabled)
MPU writes into ORA, but no effect
on pin level, until DDRA changed.
MPU read level on PA pin.
DDRA="0 (Input)
(Input latching enabled)
MPU reads IRA bit which is the level of
the PA pin at the time of the last CA1
active transition.
Table 1-4 DDRB, DDRA Operation ($02,$03)
7
6
5
4
3
2
1
0
DDRB,DDRA
PB7/PA7
PB6/PA6
PB5/PA5
PB4/PA4
PB3/PA3
PB2/PA2
PB1/PA1
PB0/PA0
"0" Associated PB/PA pin is an input (high impedance)
"1" Associated PB/PA pin is an output, whose level is determined by ORB/ORA Bit.
1.2. Data Transfer - Handshake Control
A powerful feature of the W65C22S is its ability to provide absolute control over data transfers between the
microprocessor and peripheral devices. This control is accomplished by way of "handshake" lines. PA lines
Peripheral A Control 1,2 (CA1, CA2) handshake data transfers on both Read and Write operations, while PB lines
Peripheral B Control 1,2 (CB1, CB2) handshake data on Write operations only.


Similar Part No. - W65C22S6TQG-14

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W65C21S ETC1-W65C21S Datasheet
508Kb / 16P
   Peripheral Interface Adapter (PIA)
W65C21S6TPLG-14 ETC1-W65C21S6TPLG-14 Datasheet
508Kb / 16P
   Peripheral Interface Adapter (PIA)
More results

Similar Description - W65C22S6TQG-14

ManufacturerPart #DatasheetDescription
logo
UMC Corporation
UM6522A UMC-UM6522A Datasheet
791Kb / 17P
   Versatile Interface Adapter (VIA)
logo
List of Unclassifed Man...
R65C22 ETC1-R65C22 Datasheet
1Mb / 22P
   Versatile Interface Adapter (VIA)
logo
UMC Corporation
UM6522 UMC-UM6522 Datasheet
1Mb / 17P
   VERSATILE INTERFACE ADAPTER
logo
California Micro Device...
G65SC22 CALMIRCO-G65SC22 Datasheet
2Mb / 20P
   CMOS VERSATILE INTERFACE ADAPTER WITH INTERVAL TIMER/COUNTERS
logo
Teridian Semiconductor ...
73S8009R TERIDIAN-73S8009R Datasheet
348Kb / 23P
   Low Cost Versatile Smart Card Interface
logo
Texas Instruments
USB2ANY TI1-USB2ANY Datasheet
655Kb / 21P
[Old version datasheet]   Interface Adapter
logo
List of Unclassifed Man...
ZR36504 ETC1-ZR36504 Datasheet
298Kb / 74P
   Video & Audio Interface solution via USB
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
TEA1060 ETC-TEA1060 Datasheet
757Kb / 16P
   VERSATILE TELEPHONE TRANSMISSION CIRCUITS WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com